Electronic Components Datasheet Search
  English  ▼

X  

LTC4265 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4265
Description  IEEE 802.3at High Power PD Interface Controller with 2-Event Classifi cation Recognition
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4265 Datasheet(HTML) 1 Page - Linear Technology

  LTC4265 Datasheet HTML 1Page - Linear Technology LTC4265 Datasheet HTML 2Page - Linear Technology LTC4265 Datasheet HTML 3Page - Linear Technology LTC4265 Datasheet HTML 4Page - Linear Technology LTC4265 Datasheet HTML 5Page - Linear Technology LTC4265 Datasheet HTML 6Page - Linear Technology LTC4265 Datasheet HTML 7Page - Linear Technology LTC4265 Datasheet HTML 8Page - Linear Technology LTC4265 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC4265
1
4265f
TYPICAL APPLICATION
DESCRIPTION
IEEE 802.3at High Power PD
Interface Controller with
2-Event Classification Recognition
The LTC®4265 is a 3rd generation Powered Device (PD)
Interface controller intended for IEEE 802.3at high power
Power-over-Ethernet (PoE) applications up to 25.5W. By
supporting 1-event and 2-event classification signaling as
defined by IEEE 802.3, the LTC4265 can be used in a wide
range of product configurations. A 100V MOSFET isolates
the DC/DC converter during detection and classification,
and provides 100mA inrush current for a smooth power-
up transition. The LTC4265 also includes complementary
power good outputs, an on-board signature resistor,
undervoltage/overvoltage lockout and comprehensive
thermal protection. All Linear Technology PD solutions
include a shutdown pin with signature corrupt to provide
flexible auxiliary power options.
The LTC4265 PD interface controller can be used along
with a variety of DC/DC converter products to provide a
complete, cost effective power solution for high power
PD applications.
The LTC4265 is available in the space-saving low profile
(4mm
× 3mm) DFN package and is drop-in compatible
with the LTC4264.
Turn-On vs Time
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
FEATURES
APPLICATIONS
n IEEE 802.3af/at Powered Device (PD) Controller
n IEEE 802.3at 2-event Classification Signaling
n Programmable Classification Current
n Flexible Auxiliary Power Support Using SHDN Pin
n Rugged 100V Onboard MOSFET with 100mA Inrush
Current Limit.
n Complementary Power Good Outputs
n Onboard Signature Resistor
n Comprehensive Thermal Protection
n Undervoltage and Overvoltage Lockout
n 12-Lead, 4mm
× 3mm DFN Package
n 802.11n Access Points
n High Power VoIP Video Phones
n RFID Reader Systems
n PTZ Security Cameras and Surveillance Equipment
GND
RCLASS
SHDN
RCLASS
54V FROM
DATA PAIR
54V FROM
SPARE PAIR
0.1μF
PWRGD
PWRGD
LTC4265
T2PSE
V+
RUN
5μF
MIN
3.3V
TO LOGIC
RTN
SWITCHING
POWER
SUPPLY
VIN
VOUT
4265 TA01a
+
–
+
~
~
+
–
~
~
+
–
TO LOGIC
TO AUX
GND – VIN
50V/DIV
GND – VOUT
50V/DIV
PWRGD – VOUT
50V/DIV
IPD
100mA/DIV
TIME
25ms/DIV
4265 TA01b
CLOAD = 100μF


Similar Part No. - LTC4265

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4265 LINER-LTC4265 Datasheet
374Kb / 30P
Quad IEEE 802.3at Power over Ethernet Controller
LTC4265 LINER-LTC4265 Datasheet
616Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4265 LINER-LTC4265 Datasheet
671Kb / 28P
Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4265 LINER-LTC4265 Datasheet
389Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4265 LINER-LTC4265 Datasheet
504Kb / 42P
Synchronous No-Opto Flyback Controller
More results

Similar Description - LTC4265

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4269-1 LINER-LTC4269-1 Datasheet
391Kb / 44P
IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4269-2 LINER-LTC4269-2 Datasheet
389Kb / 34P
IEEE 802.3at High Power PD and Synchronous Forward Controller with AUX Support
logo
Texas Instruments
TPS2378 TI1-TPS2378 Datasheet
494Kb / 25P
IEEE 802.3at PoE High-Power PD Interface
TPS2379 TI1-TPS2379 Datasheet
648Kb / 30P
IEEE 802.3at PoE High-Power PD Interface with External Gate Driver
logo
STMicroelectronics
PM8803TR STMICROELECTRONICS-PM8803TR Datasheet
836Kb / 34P
High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
07-Nov-2012
logo
Linear Technology
LTC4265 LINER-LTC4265_15 Datasheet
303Kb / 22P
IEEE 802.3 at High Power PD Interface Controller with 2-Event Classification Recognition
LTC4269-1 LINER-LTC4269-1_15 Datasheet
383Kb / 44P
IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
STMicroelectronics
STEVAL-TSP009V2 STMICROELECTRONICS-STEVAL-TSP009V2 Datasheet
311Kb / 7P
IEEE 802.3at compliant PD interface
24-Apr-2015
PM8801 STMICROELECTRONICS-PM8801 Datasheet
1Mb / 37P
High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
29-Jul-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com