Electronic Components Datasheet Search
  English  ▼

X  

LTC4265 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4265
Description  IEEE 802.3at High Power PD Interface Controller with 2-Event Classifi cation Recognition
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4265 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4265 Datasheet HTML 12Page - Linear Technology LTC4265 Datasheet HTML 13Page - Linear Technology LTC4265 Datasheet HTML 14Page - Linear Technology LTC4265 Datasheet HTML 15Page - Linear Technology LTC4265 Datasheet HTML 16Page - Linear Technology LTC4265 Datasheet HTML 17Page - Linear Technology LTC4265 Datasheet HTML 18Page - Linear Technology LTC4265 Datasheet HTML 19Page - Linear Technology LTC4265 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC4265
20
4265f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 1208 • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1952
LT1952-1
Single Switch Synchronous Forward Controller
Adjustable Switching Frequency, Programmable Undervoltage Lockout,
Optional Burst Mode
® Operation at Light Load
LTC3805
Adjustable Frequency Current Mode Flyback Controller
Slope Comp Overcurrent Protect, Internal/External Clock
LTC3825
Isolate No-Opto Synchronous Flyback Controller with
Wide Input Supply Range
Adjustable Switching Frequency, Programmable Undervoltage Lockout,
Accurate Regulation without Trim, Synchronous for High Efficiency.
LTC4257-1
IEEE 802.3af PD Interface Controller
100V 400mA Internal Switch, Programmable Classification Current Limit
LTC4258
Quad IEEE 802.3af Power over Ethernet Controller
DC Disconnect Only, IEEE-Compliant PD Detection and Classification,
Autonomous Operation or I2C Control
LTC4259A-1
Quad IEEE 802.3af Power over Ethernet PSE Controller
with AC Disconnect
AC or DC Disconnect IEEE-Compliant PD Detection and Classification,
Autonomous Operation or I2C Control
LTC4263/LTC4263-1 Single IEEE 802.3af Power over Ethernet Controller
Internal Switch, Autonomous Operation or I2C Control. 15.4W or 30W.
LTC4264
High Power PD Interface Controller with 750mA
Current Limit
750mA Internal Switch, Programmable Classification Current Limit
with disable, Complementary Power Good
LTC4267
LTC4267-1
LTC4267-3
IEEE 802.3af PD Interface with Integrated Switching
Regulator
100V 400mA Internal Switch, Programmable Classification, 200KHz
or 300KHz Constant Frequency PWM, Interface and Switcher Optimized
for IEEE-Compliant PD System.
LTC4268-1
High Power PD with Synchronous No Opto Flyback
Controller
750mA Internal Switch, Programmable Class, Current Limit, Synchronous
Programmable Switching Frequency and UVLO, High Efficiency
ThinSOT is a trademark of Linear Technology Corporation.
•
•
FDS2582
10.0k
33k
10μF
16V
237k
30.9Ω
82k
158k
332k
22.1k
1.2k
4.7nF
100pF
10μF
100V
0.1μF
100V
SMAJ58A
B1100
8 PLCS
2.2μF
100V
PA2431NL
4265 TA03a
PGND
GND
SD_VSEC
OC
ISENSE
COMP
FB
VREF
SS_MAXDC
OUT
BLANK
DELAY
ROSC
LT1952
VIN
VCC
SOUT
GND
RCLASS
SHDN
LTC4265
T2PSE
VIN
VOUT
10μH
–54V
FROM
DATA
PAIR
–54V
FROM
SPARE
PAIR
•
5V
5A
220μF
6.3V
PSLVOJ227M(12)
FDS8880
FDS8880
+
GND
GND
5V
2.2nF
2kV
BAS516
BAS516
10k
133Ω
0.1μF
1mH
DO1608C-105
IRF6217
4.7nF
250V
50mΩ
5.1Ω
158k
0.22μF
5.1Ω
1nF
5.1Ω
1nF
6.8μH
PG0702.682
+
2k
PS2801-1-L
PS22801-1-L
BC857BF
TLV431A
1.5k
33k
22k
0.1μF
10nF
11.3k
3.65k
51k
20k
T2P (TO MICROCONTROLLER)
BAS516
BAS516
18V
PDZ18B
VCC
PoE-Based Self-Driven Synchronous Forward Power Supply
TYPICAL APPLICATION
LOAD (A)
0.5
80
85
90
5
4265 TA03b
75
65
70
1.5
2
1
3
2.5
4
4.5
3.5
95
42V
50V
57V
Efficiency vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com