Electronic Components Datasheet Search
  English  ▼

X  

LTC4265 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4265
Description  IEEE 802.3at High Power PD Interface Controller with 2-Event Classifi cation Recognition
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4265 Datasheet(HTML) 5 Page - Linear Technology

  LTC4265 Datasheet HTML 1Page - Linear Technology LTC4265 Datasheet HTML 2Page - Linear Technology LTC4265 Datasheet HTML 3Page - Linear Technology LTC4265 Datasheet HTML 4Page - Linear Technology LTC4265 Datasheet HTML 5Page - Linear Technology LTC4265 Datasheet HTML 6Page - Linear Technology LTC4265 Datasheet HTML 7Page - Linear Technology LTC4265 Datasheet HTML 8Page - Linear Technology LTC4265 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC4265
5
4265f
PIN FUNCTIONS
SHDN (Pin 1): Shutdown Input. Use this pin for auxiliary
power application. Drive SHDN high to disable LTC4265
operation and corrupt the signature resistance. If unused,
tie SHDN to VIN.
T2PSE (Pin 2): Type-2 PSE Indicator, Open-Drain. Low
impedance indicates the presence of a Type-2 PSE.
RCLASS (Pin 3): Class Select Input. Connect a resistor
between RCLASS and VIN to set the classification load
current. (See Table 2.)
NC (Pin 4, 11): No Connect.
VIN (Pins 5, 6): Input Voltage, Negative Rail. Pins 5 and 6
must be electrically tied together at the package.
VOUT (Pins 7, 8): Output Voltage Negative Rail. Connects
VOUT to VIN through an internal power MOSFET. Pins 7
and 8 must be electrically tied together at the package.
PWRGD (Pin 9): Power Good Output, Open Collector.
High impedance signals power-up completion. PWRGD
is referenced to VOUT and features a 14V clamp.
PWRGD (Pin 10): Complementary Power Good Output,
Open-Drain. Low impedance signals power up completion.
PWRGD is referenced to VIN.
GND (Pin 12): Input Voltage, Positive Rail. This pin is
connected to the PD positive rail.
Exposed Pad (Pin 13): Tie to VIN and PCB heat sink.
BLOCK DIAGRAM
4265 BD
BOLD LINE INDICATES
HIGH CURRENT PATH
12
T2PSE 2
RCLASS 3
NC 4
SHDN
PWRGD
GND
11 NC
1
10
PWRGD
9
VOUT
8
VOUT
7
CONTROL
CIRCUITS
CLASSIFICATION
CURRENT LOAD
REF
–
+
25k
14k
EXPOSED PAD 13
VIN 6
VIN 5
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com