Electronic Components Datasheet Search
  English  ▼

X  

LTC4265 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4265
Description  IEEE 802.3at High Power PD Interface Controller with 2-Event Classifi cation Recognition
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4265 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4265 Datasheet HTML 12Page - Linear Technology LTC4265 Datasheet HTML 13Page - Linear Technology LTC4265 Datasheet HTML 14Page - Linear Technology LTC4265 Datasheet HTML 15Page - Linear Technology LTC4265 Datasheet HTML 16Page - Linear Technology LTC4265 Datasheet HTML 17Page - Linear Technology LTC4265 Datasheet HTML 18Page - Linear Technology LTC4265 Datasheet HTML 19Page - Linear Technology LTC4265 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC4265
16
4265f
APPLICATIONS INFORMATION
Shutdown Interface
To corrupt the signature resistance, the SHDN pin can be
driven high with respect to VIN or connected to GND. If
unused, connect SHDN directly to VIN.
Exposed Pad
The LTC4265 uses a thermally enhanced DFN12 package
that includes an Exposed Pad. The exposed may be elec-
trically connected to VIN and must connect to a printed
circuit board heat sink.
Auxiliary Power Source
In some applications, it is desirable to power the PD from
an auxiliary power source such as a wall adapter.
Auxiliary power can be injected into an LTC4265-based PD
at the input of the LTC4265, the output of the LTC4265, or
even the output of the DC/DC converter. In addition, some
PD application may desire auxiliary supply dominance
or may be configured for PoE dominance. Furthermore,
PD applications may also opt for a seamless transition
— that is, without power disruption — between PoE and
auxiliary power.
The most common auxiliary power option injects power
between the LTC4265 and the DC/DC converter. Figure 10
presents an example of this application.
In this example, the auxiliary port injects 48V onto the line
via diode D1. The components surrounding the SHDN pin
are selected so that the LTC4265 disconnects power to the
output when the auxiliary supply reaches 36V.
This configuration is an auxiliary-dominant configuration.
That is, the auxiliary power source supplies the power even
if PoE power is already present. This configuration also
provides a seamless transition from PoE to auxiliary power
when auxiliary power is applied, however, the removal of
auxiliary power to PoE power is not seamless.
Contact Linear Technology applications support for detail
information on implementing a custom auxiliary power
supply.
Figure 10. Auxiliary Power Dominant PD Interface
T1
4265 F10
TVS
TO PHY
36V
100k
10k
10k
D1
BR1
+
–
BR2
+
–
0.1μF
100V
C1
GND
LTC4265
VIN
SHDN
VOUT
+
–
ISOLATED
WALL
TRANSFORMER
PD
LOAD
RX–
6
RX+
3
TX–
2
TX+
RJ45
1
7
8
5
4
SPARE–
SPARE+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com