Electronic Components Datasheet Search
  English  ▼

X  

LTC4265 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4265
Description  IEEE 802.3at High Power PD Interface Controller with 2-Event Classifi cation Recognition
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4265 Datasheet(HTML) 3 Page - Linear Technology

  LTC4265 Datasheet HTML 1Page - Linear Technology LTC4265 Datasheet HTML 2Page - Linear Technology LTC4265 Datasheet HTML 3Page - Linear Technology LTC4265 Datasheet HTML 4Page - Linear Technology LTC4265 Datasheet HTML 5Page - Linear Technology LTC4265 Datasheet HTML 6Page - Linear Technology LTC4265 Datasheet HTML 7Page - Linear Technology LTC4265 Datasheet HTML 8Page - Linear Technology LTC4265 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC4265
3
4265f
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to any Absolute Maximum
Rating condition for extended periods may affect device reliability and lifetime.
Note 2: All voltages are with respect to VIN pin unless otherwise noted.
Note 3: Pins with 100V absolute maximum guaranteed for T ≥ 0ºC, otherwise 90V.
Note 4: PWRGD voltage clamps at 14V with respect to VOUT.
Note 5: Input voltage specifications are defined with respect to LTC4265
pins and meet IEEE 802.3af/at specifications when the input diode bridge
is included.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
Note 6: Signature resistance is measured via the
ΔV/ΔI method with a
minimum
ΔV of 1V. The LTC4265 signature resistance accounts for the
additional series resistance in the input diode bridge.
Note 7: An invalid signature after the 1st classification event is mandated
by IEEE 802.3at standard. See Applications Information.
Note 8: Class accuracy is with respect to the ideal current defined as
1.237/RCLASS and does not include variations in RCLASS resistance.
Note 9: This parameter is assured by design and wafer level testing.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Input Voltage
Signature Range
Classification Range
Turn-On Voltage
Undervoltage Lock Out
Overvoltage Lock Out
At GND Pin (Note 5)
l
l
l
l
1.5
12.5
30.0
71
60
9.8
21
37.2
V
V
V
V
V
V
ON/UVLO Hysteresis Window
l
4.1
V
Signature/Class Hysteresis Window
l
1.4
V
Reset Threshold
State Machine Reset for 2-event Classification
l
2.57
5.40
V
SUPPLY CURRENT
Supply Current at 60V
Measured at GND Pin
l
1.35
mA
Class 0 Current
GND = 17.5V, No RCLASS Resistor
l
0.40
mA
SIGNATURE
Signature Resistance
1.5V ≤ GND ≤ 9.8V (Note 6)
l
23.25
26
kΩ
Invalid Signature Resistance, SHDN Invoked
1.5V ≤ GND ≤ 9.8V, VSHDN = 3V (Note 6)
l
11
kΩ
Invalid Signature Resistance During Mark Event (Notes 6, 7)
l
11
kΩ
CLASSIFICATION
Class Accuracy
10mA < ICLASS < 40mA, 12.5V < GND < 21V (Note 8, 9)
l
±3.5
%
Classification Stability Time
GND Pin Step to 17.5V, RCLASS = 30.9, ICLASS Within
3.5% of Ideal Value (Notes 8, 9)
l
1ms
NORMAL OPERATION
Inrush Current
GND = 54, VOUT = 3V
l
60
100
180
mA
Power FET On Resistance
Tested at 600mA into VOUT, GND = 54V
l
0.70
1.0
Ω
Power FET Leakage Current at VOUT
GND = SHDN = VOUT = 57V
l
1μA
DIGITAL INTERFACE
SHDN Input High Level Voltage
l
3V
SHDN Input Low Level Voltage
l
0.45
V
SHDN Input Resistance
GND = 9.8V, SHDN = 9.65V
l
100
kΩ
PWRGD, T2PSE Voltage Output Low
Tested at 1mA, GND = 54V. For T2PSE, Must Complete
2-event Classification to See Active Low.
l
0.15
V
PWRGD, T2PSE Leakage Current
Pin Voltage Pulled 57V, GND = VIN = 0
l
1μA
PWRGD Voltage Output Low
Tested at 0.5mA, GND = 52V, VOUT = 48V, Output Voltage
is with Respect to VOUT
l
0.4
V
PWRGD Voltage Clamp
Tested at 2mA, VOUT = 0V, Voltage with Respect to VOUT
l
12
16.5
V
PWRGD Leakage Current
VPWRGD = 11V, VOUT = VIN = 0V, GND = 54V
l
1μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com