Electronic Components Datasheet Search
  English  ▼

X  

LTC6602 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6602
Description  Dual Matched, High Frequency Bandpass/Lowpass Filters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6602 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6602 Datasheet HTML 3Page - Linear Technology LTC6602 Datasheet HTML 4Page - Linear Technology LTC6602 Datasheet HTML 5Page - Linear Technology LTC6602 Datasheet HTML 6Page - Linear Technology LTC6602 Datasheet HTML 7Page - Linear Technology LTC6602 Datasheet HTML 8Page - Linear Technology LTC6602 Datasheet HTML 9Page - Linear Technology LTC6602 Datasheet HTML 10Page - Linear Technology LTC6602 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC6602
7
6602fa
TYPICAL PERFORMANCE CHARACTERISTICS
Gain vs Frequency
Distortion vs Input Frequency
Distortion vs Output Voltage
Distortion vs Gain
Distortion vs Highpass
Cutoff Frequency
Distortion vs Lowpass
Cutoff Frequency
Filter Cutoff Accuracy
vs Supply Voltage
Filter Cutoff Accuracy
vs Temperature
Common Mode Rejection
FREQUENCY (Hz)
6602 G01
20
10
0
–40
–30
–20
–10
–50
–60
1k
1M
10M
100k
10k
TA = 25°C
VS = 3V
EXTERNAL CLOCK
RBIAS = 54.9k
GAIN = 0dB
90kHz-900kHz BPF
15kHz-150kHz BPF
45kHz-300kHz BPF
INPUT FREQUENCY (kHz)
66062 G02
–70
–75
–80
–85
–90
0
50
100
250
300
200
150
TA = 25°C, VS = 3V, DIFFERENTIAL INPUT,
VIN = 1.5VP-P, 12.4-82.4kHz BPF, RBIAS = 200k
45kHz-300kHz BPF, RBIAS = 54.9k, GAIN = 0dB
HD3
12kHz-82kHz BPF
HD2
12kHz-82kHz BPF
HD2
45kHz-300kHz BPF
HD3
45kHz-300kHz BPF
OUTPUT VOLTAGE (VP-P)
66062 G03
–30
–40
–50
–60
–70
–80
–90
–100
012
56
4
3
TA = 25°C
VS = 3V
fIN = 100kHz
DIFFERENTIAL INPUT
RBIAS = 54.9k
RBIAS = 45kHz-300kHz BPF
GAIN = 0dB
HD3
HD2
GAIN (dB)
6602 G04
–70
–75
–80
–85
–90
0
6
24
30
18
12
TA = 25°C
VS = 3V
fIN = 100kHz
DIFFERENTIAL INPUT, VOUT = 1.5VP-P
RBIAS = 54.9k
45kHz-300kHz BPF
HD3
HD2
HIGHPASS CUTOFF FREQUENCY (kHz)
6602 G05
–70
–75
–80
–85
–90
015
75
90
60
45
30
TA = 25°C
VS = 3V
fIN = 100kHz
DIFFERENTIAL INPUT, VIN = 1.5VP-P
RBIAS = 54.9k
fLP = 300kHz
GAIN = 0dB
HD3
HD2
LOWPASS CUTOFF FREQUENCY (kHz)
6602 G06
–70
–75
–80
–85
–90
0
150
750
900
600
450
300
TA = 25°C
VS = 3V
fIN = 100kHz
DIFFERENTIAL INPUT, VIN = 1.5VP-P
RBIAS = 54.9k
fHP = 45kHz
GAIN = 0dB
HD3
HD2
SUPPLY VOLTAGE (V)
6602 G07
0.10
0.05
0.00
–0.05
2.7 2.8
3.5 3.6
3.4
3.3
3.2
3.1
3.0
2.9
RBIAS = 54.9k
45kHz-300kHz BPF
GAIN = 0dB
–40°C
85°C
25°C
TEMPERATURE (°C)
6602 G08
0.4
0.3
0.0
0.1
0.2
–0.4
–0.3
–0.2
–0.1
–40
80
60
40
20
0
–20
VS = 3V
RBIAS = 54.9k
45kHz-300kHz BPF
GAIN = 0dB
5 TYPICAL UNITS
FREQUENCY (Hz)
6602 G09
120
110
100
80
90
40
50
60
70
30
20
1k
1M
10M
100k
10k
TA = 25°C
VS = 3V
VIN-CM = 0V
ΔVIN-CM = 1.25VP-P
RBIAS = 54.9k
45kHz-300kHz BPF
CMR = ΔVIN-CM /ΔVOUT-DIFF
GAIN = 30dB
GAIN = 24dB
GAIN = 0dB
GAIN = 12dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com