Electronic Components Datasheet Search
  English  ▼

X  

LTC6602 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6602
Description  Dual Matched, High Frequency Bandpass/Lowpass Filters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6602 Datasheet(HTML) 1 Page - Linear Technology

  LTC6602 Datasheet HTML 1Page - Linear Technology LTC6602 Datasheet HTML 2Page - Linear Technology LTC6602 Datasheet HTML 3Page - Linear Technology LTC6602 Datasheet HTML 4Page - Linear Technology LTC6602 Datasheet HTML 5Page - Linear Technology LTC6602 Datasheet HTML 6Page - Linear Technology LTC6602 Datasheet HTML 7Page - Linear Technology LTC6602 Datasheet HTML 8Page - Linear Technology LTC6602 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC6602
1
6602fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Dual Matched, High
Frequency Bandpass/Lowpass Filters
The LTC®6602 is a dual, matched, programmable bandpass
or lowpass filter and differential driver. The selectivity of the
LTC6602, combined with its phase matching and dynamic
range, make it ideal for filtering in RFID systems. With two
degree phase matching between channels, the LTC6602 can
be used in applications requiring highly matched filters,
such as transceiver I and Q channels. Gain programmabil-
ity, and the fully differential inputs and outputs, simplify
implementation in most systems.
Both channels of the LTC6602 consist of a programmable
lowpass and highpass filter. For bandpass functionality,
the lowpass filters are programmed for the upper cutoff
frequency. For lowpass functionality, the highpass filters
can be bypassed. The filter cutoff frequencies can be set
with a guaranteed accuracy of 3% with the use of a single
resistor. Alternatively, the filter cutoff frequencies can be
controlled with an external clock.
The LTC6602 operates on a single 2.7V to 3.6V supply
and features a low power shutdown mode.
UHF RFID Reader Dual Baseband Filter and Dual ADC
n Matched Dual Filter/Driver, Ideal for RFID Readers
n Guaranteed Phase Matching to Within 2 Degrees
n Guaranteed Gain Matching to Within 0.2dB
n Configurable as Lowpass or Bandpass
Programmable 5th Order Lowpass: 42kHz to 900kHz
Programmable 4th Order Highpass: 4.2kHz to 90kHz
n Programmable Gain: 1×, 4×, 16×, 32×
n Simple Pin Programming or SPI Interface
n Low Noise: –145dBm/Hz (Input Referred)
n Low Distortion: –75dBc at 200kHz
n Differential, Rail-to-Rail Inputs and Outputs
n Input Range Extends from 0V to 5V
n Low Voltage Operation: 2.7V to 3.6V
n Shutdown Mode
n 4mm × 4mm QFN Package
n Multiprotocol RFID Readers:
EPC-GEN2, ISD and IPX
n IDEN, PHS, GSM Basestations
n Repeaters, Radio Links, and Modems
n Wireless Telemetry
n JTRS
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners..
6602 TA01
LTC6602
V+IN
+INA
–INA
+INB
–INB
RBIAS
VOCM
MUTE
GAIN0(D0)
GAIN1
GND
GND
–OUTA
+OUTA
–OUTB
+OUTB
CLKIO
SER
CLKCNTL
HPF0(SDO)
HPF1(SDI)
LPF0(SCLK)
LPF1(CS)
V+A V+D
MUTE
INPUT
FROM
TRANSMITTER
38.3k
0.1μF
LTC2297
CLK IN
0.1μF
0.1μF
3V
CS SCLK SDI
SPI CONTROL INPUT
I INPUT
Q INPUT
I OUTPUT
Q OUTPUT
2.2μF
AIN
+
AIN
–
BIN
+
BIN
–
VCM
÷4
CLOCK INPUT
24MHz TO 128MHz
(COVERS THE TAG BACKSCATTER LINK FREQUENCY RANGE OF 40kHz to 640kHz
OF THE CLASS 1 GENERATION 2 UHF RFID COMMUNICATION PROTOCOL)
100pF
100pF
100pF
100pF
100pF
100pF
14-BIT
ADC
14-BIT
ADC
100Ω
100Ω
100Ω
100Ω
Gain vs Frequency
FREQUENCY (Hz)
6602 TA01b
20
10
0
–40
–30
–20
–10
–50
–60
1k
1M
10M
100k
10k
EXTERNAL CLOCK = 90MHz
90kHz-900kHz BPF
15kHz-150kHz BPF
45kHz-300kHz BPF


Similar Part No. - LTC6602

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6602 AD-LTC6602 Datasheet
490Kb / 40P
Low Noise, 0.5% Tolerance, 5MHz to 28MHz, Pin Confi gurable Filter/ADC Driver
LTC6602 AD-LTC6602 Datasheet
480Kb / 40P
Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
LTC6602 AD-LTC6602 Datasheet
274Kb / 24P
Dual Adjustable Lowpass Filter
REV A
logo
Linear Technology
LTC6602 LINER-LTC6602_15 Datasheet
1Mb / 28P
Dual Matched, High Frequency Bandpass/Lowpass Filters
More results

Similar Description - LTC6602

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6602 LINER-LTC6602_15 Datasheet
1Mb / 28P
Dual Matched, High Frequency Bandpass/Lowpass Filters
logo
Mini-Circuits
ZVBP-2400 MINI-ZVBP-2400 Datasheet
328Kb / 3P
Bandpass Filters
ZVBP-5310-S MINI-ZVBP-5310-S Datasheet
891Kb / 3P
Bandpass Filters
ZVBP-5800-S MINI-ZVBP-5800-S Datasheet
514Kb / 3P
Bandpass Filters
WVBP-733-WR12 MINI-WVBP-733-WR12 Datasheet
395Kb / 2P
Bandpass Filters
WVBP-783-WR12 MINI-WVBP-783-WR12 Datasheet
395Kb / 2P
Bandpass Filters
logo
Mixed Signal Integratio...
MS2LFS MSI-MS2LFS Datasheet
188Kb / 5P
Dual Selectable Low Voltage Lowpass/Bandpass Filter
logo
Mini-Circuits
ZVBP-11R7G-S MINI-ZVBP-11R7G-S Datasheet
1Mb / 8P
Bandpass Filters
ZVBP-9R6G-S MINI-ZVBP-9R6G-S Datasheet
1Mb / 8P
Bandpass Filters
WVBP-583-WR15 MINI-WVBP-583-WR15 Datasheet
375Kb / 2P
Bandpass Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com