Electronic Components Datasheet Search
  English  ▼

X  

LTC6602 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC6602
Description  Dual Matched, High Frequency Bandpass/Lowpass Filters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6602 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC6602 Datasheet HTML 14Page - Linear Technology LTC6602 Datasheet HTML 15Page - Linear Technology LTC6602 Datasheet HTML 16Page - Linear Technology LTC6602 Datasheet HTML 17Page - Linear Technology LTC6602 Datasheet HTML 18Page - Linear Technology LTC6602 Datasheet HTML 19Page - Linear Technology LTC6602 Datasheet HTML 20Page - Linear Technology LTC6602 Datasheet HTML 21Page - Linear Technology LTC6602 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC6602
18
6602fa
APPLICATIONS INFORMATION
Figure 6. Current Controlled Clock Frequency
Figure 7. Voltage Controlled Clock Frequency
RBIAS
6602 F06
ICONTROL
fCLK = 10k • (494.1MHz/1.17V) • ICONTROL(A)
RBIAS
6602 F07
VCONTROL
fCLK = 494.1MHz • (10k/RBIAS) • (1 – VCONTROL/1.17V)
RBIAS
+
–
Preserving Oscillator Accuracy
The oscillator is sensitive to transients on the positive
supply. The IC should be soldered to the PC board and
the PCB layout should include a 0.1μF ceramic capacitor
between V+A (Pin 2) and ground, as close as possible to
the IC to minimize inductance. The PCB layout should also
include an additional 0.1μF ceramic capacitor between
V+D (Pin 16) and ground. Avoid parasitic capacitance on
RBIAS (Pin 4) and avoid routing noisy signals near RBIAS.
Use a ground plane connected to Pin 14 and the Exposed
Pad (Pin 25).
Alternative Methods of Setting the Clock Frequency of
the LTC6602
The oscillator may be programmed by any method that
sinks a current out of the RBIAS pin. The circuit in Figure 6
sets the clock frequency by using a programmable current
source and in the expression for fCLK, the resistor RBIAS
is replaced by the ratio of 1.17V/ICONTROL. Because the
voltage of the RBIAS pin is approximately 1.17V ±5%, the
Figure 6 circuit is less accurate than if a resistor controls
the clock frequency.
Figure 7 shows the LTC6602’s oscillator configured as
a VCO. A voltage source is connected in series with the
RBIAS resistor. The clock frequency, fCLK, will vary with
VCONTROL. Again, this circuit decouples the relationship
between the current out of the RBIAS pin and the voltage
of the RBIAS pin; the frequency accuracy will be degraded.
The clock frequency, however, will increase monotonically
with decreasing VCONTROL.
Operation Using an External Clock
The LTC6602 may be clocked by an external oscillator
for tighter bandwidth control by pulling CLKCNTL (Pin 5)
to ground and driving a clock into CLKIO (Pin 15). If an
external clock is used, the RBIAS resistor is still necessary.
The value of RBIAS must be no larger than the value that
would be required for using the internal oscillator. For
example, a 100k resistor would program the internal oscil-
lator for 49.41MHz, so an external oscillator frequency of
49.41MHz would require an RBIAS resistance of no more
than 100k. If the value of RBIAS is too large, the filters will
not receive a large enough bias current, possibly causing
errors due to insufficient settling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com