Electronic Components Datasheet Search
  English  ▼

X  

LTC6602 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6602
Description  Dual Matched, High Frequency Bandpass/Lowpass Filters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6602 Datasheet(HTML) 5 Page - Linear Technology

  LTC6602 Datasheet HTML 1Page - Linear Technology LTC6602 Datasheet HTML 2Page - Linear Technology LTC6602 Datasheet HTML 3Page - Linear Technology LTC6602 Datasheet HTML 4Page - Linear Technology LTC6602 Datasheet HTML 5Page - Linear Technology LTC6602 Datasheet HTML 6Page - Linear Technology LTC6602 Datasheet HTML 7Page - Linear Technology LTC6602 Datasheet HTML 8Page - Linear Technology LTC6602 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC6602
5
6602fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+A = V+D = V+IN = 3V, VICM = VOCM = 1.5V, Gain = 0dB, lowpass cutoff =
300kHz, highpass cutoff = 45kHz, internal clocking with RBIAS = 54.9k unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current,
Shutdown Mode
Sum of the Currents into V+D, V+A, and V+IN; All Supplies Set to 3V
Shutdown Via Serial Interface, Control Bit D1 = 1.
l
170
235
μA
Supply Voltage
V+D, V+A Relative to GND
V+IN Relative to GND
l
l
2.7
2.7
3.6
5.5
V
V
PSR
V+D = V+A = V+IN, All from 2.7V to 3.6V
V+D = V+A = 3.0V, V+IN from 4.5V to 5.5V
l
l
50
80
60
95
dB
dB
RBIAS Resistor Range
Clock Frequency Error ≤ ±3%, CLKCNTL = 3V
l
54.9
200
kΩ
RBIAS Pin Voltage
54.9k < RBIAS < 200k
1.17
V
Clock Frequency Drift
Over Temperature
RBIAS = 54.9k, CLKCNTL Pin Open
40
ppm/ºC
Clock Frequency Change
Over Supply
V+A, V+D from 2.7V to 3.6V, RBIAS = 54.9k, CLKCNTL Pin Open
l
–0.6
0.1
0.6
%/V
Output Clock Duty Cycle
RBIAS = 54.9k
l
25
50
75
%
CLKIO Pin High Level
Input Voltage
CLKCNTL = 0V (Note 6)
V+D – 0.3
V
CLKIO Pin Low Level
Input Voltage
CLKCNTL = 0V (Note 6)
0.3
V
CLKIO Pin Input Current
CLKCNTL = 0V
CLKIO = 0V (Note 7)
CLKIO = V+D
l
l
–1
10
μA
μA
CLKIO Pin High Level
Output Voltage
V+A = V+D = 3V, CLKCNTL = 3V
IOH = –1mA
IOH = –4mA
2.95
2.9
V
V
CLKIO Pin Low Level
Output Voltage
V+A = V+D = 3V, CLKCNTL = 3V
IOL = 1mA
IOL = 4mA
0.05
0.1
V
V
CLKIO Rise Time
V+A = V+D = CLKCNTL = 3V, 20%/80%, CLOAD = 5pF
0.3
ns
CLKIO Fall Time
V+A = V+D = CLKCNTL = 3V, 20%/80%, CLOAD = 5pF
0.3
ns
SER, MUTE
High Level Input Voltage
Pins 17, 20
l
V+D – 0.3
V
SER, MUTE
Low Level Input Voltage
Pins 17, 20
l
0.3
V
SER, MUTE
Input Current
Pin 17 or Pin 20 = 0V (Note 7)
Pin 17 or Pin 20 = V+D
l
l
–10
2
μA
μA
CLKCNTL High Level
Input Voltage
Pin 5
l
V+D – 0.5
V
CLKCNTL Low Level
Input Voltage
Pin 5
0.5
V
CLKCNTL Input Current
CLKCNTL = 0V (Note 7)
CLKCNTL = V+D
l
l
–25
–15
15
25
μA
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com