Electronic Components Datasheet Search
  English  ▼

X  

LTC6602 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC6602
Description  Dual Matched, High Frequency Bandpass/Lowpass Filters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6602 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC6602 Datasheet HTML 10Page - Linear Technology LTC6602 Datasheet HTML 11Page - Linear Technology LTC6602 Datasheet HTML 12Page - Linear Technology LTC6602 Datasheet HTML 13Page - Linear Technology LTC6602 Datasheet HTML 14Page - Linear Technology LTC6602 Datasheet HTML 15Page - Linear Technology LTC6602 Datasheet HTML 16Page - Linear Technology LTC6602 Datasheet HTML 17Page - Linear Technology LTC6602 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC6602
14
6602fa
APPLICATIONS INFORMATION
Theory of Operation (Refer to Block Diagram)
The LTC6602 features two matched filter channels, each
containing gain control, lowpass, and highpass networks
that are controlled by a single control block and clocked by
a single clock generator. The gain, lowpass and highpass
sections can be independently programmed. The two
channels are not independent, i.e. if the gain is set to 24dB,
then both channels have a gain of 24dB. The filter can also
be programmed to bypass the highpass filter networks,
giving a lowpass response. The filter can be clocked with
an external clock source, or using the internal oscillator. A
resistor connected to the RBIAS pin sets the bias currents
for the filter networks and the internal oscillator frequency
(unless driven by an external clock). Altering the clock
frequency changes the filter bandwidths. This allows the
filters to be “tuned” to many different bandwidths.
Pin Programmable Interface
As shown in Figure 1, connecting SER to V+D allows the
filter to be directly controlled through the pin programmable
control lines GAIN1, GAIN0, HPF1, HPF0, LPF1 and LPF0.
The HPF0(SDO) and GAIN0(D0) pins are bidirectional (in-
puts in pin programmable control mode, outputs in serial
mode). In pin programmable control mode, the voltages
at HPF0(SDO) and GAIN0(D0) cannot exceed V+D; oth-
erwise, large currents can be injected to V+D through the
internal diodes (see Figure 2). Connecting a 10k resistor
at the HPF0(SDO) and GAIN0(D0) pins (see Figure 1) is
recommended for current limiting, to less than 10mA. SER
has an internal pull-up to V+D. None of the logic inputs
have an internal pull-up or pull-down.
Figure 1. Filter in Pin Programmable Control Mode
V+IN
V+A
V+D
+INA
–INA
SER
LPF1(CS)
LPF0(SCLK)
HPF1(SDI)
HPF0(SDO)
GAIN1
GAIN0(D0)
GND
LTC6602
VOUT
VIN
0.1μF
LOWPASS CUTOFF = 900kHz (fCLK = 90MHz)
HIGHPASS CUTOFF = 90kHz (fCLK = 90MHz)
GAIN = 16
GAIN, BANDWIDTHS ARE SET BY MICROPROCESSOR.
10k RESISTORS ON HPF0(SDO) AND GAIN0(D0)
PROTECT THE DEVICE IF VHPF0 > V+D OR
VGAIN0 > V+D
μP
+
–
+
–
+
–
+
–
10k
10k
6602 F01
+OUTA
–OUTA
V+IN
V+A
V+D
+INA
–INA
SER
LPF1(CS)
LPF0(SCLK)
HPF1(SDI)
HPF0(SDO)
GAIN1
GAIN0(D0)
GND
VOUT
VIN
+OUTA
–OUTA
3.3V
0.1μF
3.3V
LTC6602
LPF1
LPF0
HPF1
HPF0
GAIN1
GAIN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com