Electronic Components Datasheet Search
  English  ▼

X  

LTC6602 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6602
Description  Dual Matched, High Frequency Bandpass/Lowpass Filters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6602 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6602 Datasheet HTML 2Page - Linear Technology LTC6602 Datasheet HTML 3Page - Linear Technology LTC6602 Datasheet HTML 4Page - Linear Technology LTC6602 Datasheet HTML 5Page - Linear Technology LTC6602 Datasheet HTML 6Page - Linear Technology LTC6602 Datasheet HTML 7Page - Linear Technology LTC6602 Datasheet HTML 8Page - Linear Technology LTC6602 Datasheet HTML 9Page - Linear Technology LTC6602 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC6602
6
6602fa
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Specifications apply to pins 6, 9-11, 21 and 22.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V+D = 2.7V to 3.6V
VIH
Digital Input High Voltage
Pins 6, 9-11, 21, 22
l
2V
VIL
Digital Input Low Voltage
Pins 6, 9-11, 21, 22
l
0.8
V
IIN
Digital Input Current
Pins 6, 9-11, 21, 22 (Note 7)
l
–1
1
μA
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V+D = 2.7V to 3.6V
VIH
Digital Input High Voltage
Pins 6, 9, 10
l
2V
VIL
Digital Input Low Voltage
Pins 6, 9, 10
l
0.8
V
IIN
Digital Input Current
Pins 6, 9, 10 (Note 7)
l
–1
1
μA
VOH
Digital Output High Voltage
Pins 11, 21 Sourcing 500μA
l VSUPPLY -0.3
V
VOL
Digital Output Low Voltage
Pins 11, 21 Sinking 500μA
l
0.3
V
t1
SDI Valid to SCLK Setup
(Note 6)
l
60
ns
t2
SDI Valid to SCLK Hold
(Note 6)
l
0ns
t3
SCLK Low
l
100
ns
t4
SCLK High
l
100
ns
t5
CS Pulse Width
l
60
ns
t6
LSB SCLK to CS
(Note 6)
l
60
ns
t7
CS Low to SCLK
(Note 6)
l
30
ns
t8
SDO Output Delay
CL = 15pF
l
125
ns
t9
SCLK Low to CS Low
(Note 6)
l
0ns
Pin Programmable Control Mode Specifications
Serial Port DC and Timing Specifications
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: LTC6602C and LTC6602I are guaranteed functional over the
operating temperature range of –40°C to 85°C.
Note 3: LTC6602C is guaranteed to meet specified performance from
0°C to 70°C. The LTC6602C is designed, characterized and expected to
meet specified performance from –40°C to 85°C but is not tested or QA
sampled at these temperatures. The LTC6602I is guaranteed to meet the
specified performance limits from –40°C to 85°C.
Note 4: This test measures the internal oscillator accuracy (deviation from
the fCLK equation). Variations in the internal oscillator frequency cause
variations in the filter cutoff frequency. See the “Applications Information”
section.
Note 5: 1.57MHz is the equivalent noise bandwidth of a 1MHz 1st order
RC lowpass filter.
Note 6: Guaranteed by design, not subject to test.
Note 7: To conform to the Logic IC standard, current out of a pin is
arbitrarily given a negative value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com