Electronic Components Datasheet Search
  English  ▼

X  

LTC6602 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6602
Description  Dual Matched, High Frequency Bandpass/Lowpass Filters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6602 Datasheet(HTML) 3 Page - Linear Technology

  LTC6602 Datasheet HTML 1Page - Linear Technology LTC6602 Datasheet HTML 2Page - Linear Technology LTC6602 Datasheet HTML 3Page - Linear Technology LTC6602 Datasheet HTML 4Page - Linear Technology LTC6602 Datasheet HTML 5Page - Linear Technology LTC6602 Datasheet HTML 6Page - Linear Technology LTC6602 Datasheet HTML 7Page - Linear Technology LTC6602 Datasheet HTML 8Page - Linear Technology LTC6602 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC6602
3
6602fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+A = V+D = V+IN = 3V, VICM = VOCM = 1.5V, Gain = 0dB, lowpass cutoff =
300kHz, highpass cutoff = 45kHz, internal clocking with RBIAS = 54.9k unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Filter Phase
Either Channel
External Clock = 90MHz, VIN = 3.6VP-P, Highpass Filter Cutoff = 45kHz,
Lowpass Filter Cutoff = 300kHz
fIN = 50kHz
fIN = 250kHz
l
l
125
–134
130
–130
134
–126
deg
deg
Matching of Filter Phase
External Clock = 90MHz, VIN = 3.6VP-P, Highpass Filter Cutoff = 45kHz,
Lowpass Filter Cutoff = 300kHz
fIN = 50kHz
fIN = 250kHz
l
l
±2
±1.5
deg
deg
Filter Gain Either Channel
Gain = 0dB
External Clock = 90MHz, Highpass Filter Cutoff = 15kHz,
Lowpass Filter Cutoff = 150kHz, VIN = 3.6VP-P
fIN = 7.5kHz
fIN = 15kHz
fIN = 50kHz
fIN = 150kHz
fIN = 450kHz
l
l
l
l
l
–1.6
0.4
–2.3
–32
–1.2
0.7
–1.9
–44
–30
–0.8
0.9
–1.3
–43
dB
dB
dB
dB
dB
Matching of Filter Gain
External Clock = 90MHz, VIN = 3.6VP-P, Highpass Filter Cutoff = 15kHz,
Lowpass Filter Cutoff = 150kHz
fIN = 15kHz
fIN = 50kHz
fIN = 150kHz
l
l
l
±0.2
±0.2
±0.2
dB
dB
dB
Filter Phase Either
Channel
External Clock = 90MHz, VIN = 3.6VP-P, Highpass Filter Cutoff = 15kHz,
Lowpass Filter Cutoff = 150kHz
fIN = 16.5kHz
fIN = 125kHz
l
l
137
–142
142
–138
146
–134
deg
deg
Matching of Filter Phase
External Clock = 90MHz, VIN = 3.6VP-P, Highpass Filter Cutoff = 15kHz,
Lowpass Filter Cutoff = 150kHz
fIN = 16.5kHz
fIN = 125kHz
l
l
±2
±1
deg
deg
Filter Gain Either Channel
Gain = 0dB
External Clock = 90MHz, Highpass Filter Cutoff = 90kHz,
Lowpass Filter Cutoff = 900kHz, VIN = 3.6VP-P
fIN = 45kHz
fIN = 90kHz
fIN = 300kHz
fIN = 900kHz
fIN = 2700kHz
l
l
l
l
l
–1.8
–0.1
–2.1
–29
–1.2
0.6
–1.1
–45
–27
–0.7
1.2
–0.5
–44
dB
dB
dB
dB
dB
Matching of Filter Gain
External Clock = 90MHz, Highpass Filter Cutoff = 90kHz,
Lowpass Filter Cutoff = 900kHz, VIN = 3.6VP-P
fIN = 90kHz
fIN = 300kHz
fIN = 900kHz
l
l
l
±0.3
±0.6
±0.4
dB
dB
dB
Filter Phase Either Chanel External Clock = 90MHz, VIN = 3.6VP-P, Highpass Filter Cutoff = 90kHz,
Lowpass Filter Cutoff = 900kHz
fIN = 100kHz
fIN = 750kHz
l
l
136
–136
141
–131
145
–127
deg
deg
Matching of Filter Phase
External Clock = 90MHz, VIN = 3.6VP-P, Highpass Filter Cutoff = 90kHz,
Lowpass Filter Cutoff = 900kHz
fIN = 100kHz
fIN = 750kHz
l
l
±2
±1.5
deg
deg
Filter Cutoff Accuracy
when Self Clocked
CLKCNTL = 3V (Note 4)
RBIAS = 200k, Output Clock = 24.705MHz
RBIAS = 54.9k, Output Clock = 90MHz
l
l
±3
±3
%
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com