Electronic Components Datasheet Search
  English  ▼

X  

LTC2483 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2483
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2483 Datasheet HTML 4Page - Linear Technology LTC2483 Datasheet HTML 5Page - Linear Technology LTC2483 Datasheet HTML 6Page - Linear Technology LTC2483 Datasheet HTML 7Page - Linear Technology LTC2483 Datasheet HTML 8Page - Linear Technology LTC2483 Datasheet HTML 9Page - Linear Technology LTC2483 Datasheet HTML 10Page - Linear Technology LTC2483 Datasheet HTML 11Page - Linear Technology LTC2483 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
LTC2483
2483f
Conversion Current
vs Output Data Rate
OUTPUT DATA RATE (READINGS/SEC)
0
500
450
400
350
300
250
200
150
100
80
2483 G28
20
40
60
100
70
10
30
50
90
VCC = 5V
VCC = 3V
VREF = VCC
IN+ = GND
IN– = GND
CA0/F0 = EXT OSC
TA = 25°C
TYPICAL PERFOR A CE CHARACTERISTICS
On-Chip Oscillator Frequency
vs Temperature
On-Chip Oscillator Frequency
vs VCC
PSRR vs Frequency at VCC
PSRR vs Frequency at VCC
Conversion Current
vs Temperature
Sleep Mode Current
vs Temperature
PSRR vs Frequency at VCC
TEMPERATURE (
°C)
–45 –30
300
304
310
–15
30
45
2483 G21
302
308
306
15
0
60
75
90
VCC = 4.1V
VREF = 2.5V
VIN = 0V
VIN(CM) = GND
VCC (V)
2.5
300
302
304
306
308
310
3.0
3.5
4.0
4.5
2483 G22
5.0
5.5
VREF = 2.5V
VIN = 0V
VIN(CM) = GND
FREQUENCY AT VCC (Hz)
1
0
–20
–40
–60
–80
–100
–120
–140
1k
100k
2483 G23
10
100
10k
1M
VCC = 4.1V DC
VREF = 2.5V
IN+ = GND
IN– = GND
TA = 25°C
FREQUENCY AT VCC (Hz)
0
–140
–120
–80
–60
–40
0
20
100
140
2483 G24
–100
–20
80
180
220
200
40 60
120
160
VCC = 4.1V DC ±1.4V
VREF = 2.5V
IN+ = GND
IN– = GND
TA = 25°C
TEMPERATURE (
°C)
–45
100
120
160
180
200
–15
15
30
90
2483 G26
140
–30
0
45
60
75
VCC = 5V
VCC = 2.7V
TEMPERATURE (
°C)
–45
0
0.2
0.6
0.8
1.0
2.0
1.4
–15
15
30
90
2483 G27
0.4
1.6
1.8
1.2
–30
0
45
60
75
VCC = 5V
VCC = 2.7V
FREQUENCY AT VCC (Hz)
30600
–60
–40
0
30750
2483 G25
–80
–100
30650
30700
30800
–120
–140
–20
VCC = 4.1V DC ±0.7V
VREF = 2.5V
IN+ = GND
IN– = GND
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com