Electronic Components Datasheet Search
  English  ▼

X  

LTC2483 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2483
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2483 Datasheet HTML 12Page - Linear Technology LTC2483 Datasheet HTML 13Page - Linear Technology LTC2483 Datasheet HTML 14Page - Linear Technology LTC2483 Datasheet HTML 15Page - Linear Technology LTC2483 Datasheet HTML 16Page - Linear Technology LTC2483 Datasheet HTML 17Page - Linear Technology LTC2483 Datasheet HTML 18Page - Linear Technology LTC2483 Datasheet HTML 19Page - Linear Technology LTC2483 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16
LTC2483
2483f
normal mode rejection in a frequency range of fEOSC/5120
±4% and its harmonics. The normal mode rejection as a
function of the input frequency deviation from fEOSC/5120
is shown in Figure 6.
Ease of Use
The LTC2483 data output has no latency, filter settling
delay or redundant data associated with the conversion
cycle. There is a one-to-one correspondence between the
conversion and the output data. Therefore, multiplexing
multiple analog voltages is easy.
The LTC2483 performs offset and full-scale calibrations
every conversion cycle. This calibration is transparent to the
user and has no effect on the cyclic operation described
above. The advantage of continuous calibration is extreme
stability of offset and full-scale readings with respect to
time, supply voltage change and temperature drift.
Power-Up Sequence
The LTC2483 automatically enters an internal reset state
when the power supply voltage VCC drops below approxi-
mately 2V. This feature guarantees the integrity of the conver-
sion result.
When the VCC voltage rises above this critical threshold,
the converter creates an internal power-on-reset (POR)
signal with a duration of approximately 4ms. The POR
signal clears all internal registers. Following the POR
signal, the LTC2483 starts a normal conversion cycle and
follows the succession of states described in Figure 1. The
first conversion result following POR is accurate within the
specifications of the device if the power supply voltage is
restored within the operating range (2.7V to 5.5V) before
the end of the POR time interval.
Reference Voltage Range
The LTC2483 external reference voltage range is 0.1V to
VCC. The converter output noise is determined by the
APPLICATIO S I FOR ATIO
Figure 6. LTC2483 Normal Mode Rejection When
Using an External Oscillator
DIFFERENTIAL INPUT SIGNAL FREQUENCY
DEVIATION FROM NOTCH FREQUENCY fEOSC/5120(%)
–12
–8
–4
0
4
8
12
2483 F06
–80
–85
–90
–95
–100
–105
–110
–115
–120
–125
–130
–135
–140
Whenever an external clock is not present at the CA0/F0
pin, the converter automatically activates its internal os-
cillator and enters the Internal Conversion Clock mode.
CA0/F0 may be tied HIGH or left floating in order to set the
chip address. The LTC2483 operation will not be dis-
turbed if the change of conversion clock source occurs
during the sleep state or during the data output state while
the converter uses an external serial clock. If the change
occurs during the conversion state, the result of the
conversion in progress may be outside specifications but
the following conversions will not be affected.
Table 4 summarizes the duration of the conversion state of
each state and the achievable output data rate as a function
of fEOSC.
Table 4. LTC2483 State Duration
STATE
OPERATING MODE
DURATION
CONVERSION
Internal Oscillator
50Hz/60Hz Rejection
147ms, Output Data Rate
≤ 6.8 Readings/s
External Oscillator
CA0/F0 = External Oscillator with Frequency 41036/fEOSCs, Output Data Rate ≤ fEOSC/41036 Readings/s
fEOSC Hz (fEOSC/5120 Rejection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com