Electronic Components Datasheet Search
  English  ▼

X  

LTC2483 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC2483
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC2483 Datasheet HTML 20Page - Linear Technology LTC2483 Datasheet HTML 21Page - Linear Technology LTC2483 Datasheet HTML 22Page - Linear Technology LTC2483 Datasheet HTML 23Page - Linear Technology LTC2483 Datasheet HTML 24Page - Linear Technology LTC2483 Datasheet HTML 25Page - Linear Technology LTC2483 Datasheet HTML 26Page - Linear Technology LTC2483 Datasheet HTML 27Page - Linear Technology LTC2483 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
24
LTC2483
2483f
APPLICATIO S I FOR ATIO
Input Bandwidth
The combined effect of the internal SINC4 digital filter and
of the analog and digital autocalibration circuits deter-
mines the LTC2483 input bandwidth. When the internal
oscillator is used, the 3dB input bandwidth is 3.3Hz. If an
external conversion clock generator of frequency fEOSC is
connected to the CA0/F0 pin, the 3dB input bandwidth is
11.8 • 10–6 • fEOSC.
Due to the complex filtering and calibration algorithms
utilized, the converter input bandwidth is not modeled
very accurately by a first order filter with the pole located
at the 3dB frequency. When the internal oscillator is
used, the shape of the LTC2483 input bandwidth is
shown in Figure 24. When an external oscillator of fre-
quency fEOSC is used, the shape of the LTC2483 input
bandwidth can be derived from Figure 24, in which the
horizontal axis is scaled by fEOSC/279.2kHz.
The conversion noise (600nVRMS typical for VREF = 5V) can
be modeled by a white noise source connected to a noise
free converter. The noise spectral density is 47nV
√Hz for
an infinite bandwidth source and 64nV
√Hz for a single
0.5MHz pole source. From these numbers, it is clear that
particular attention must be given to the design of external
amplification circuits. Such circuits face the simultaneous
requirements of very low bandwidth (just a few Hz) in order
to reduce the output referred noise and relatively high
bandwidth (at least 500kHz) necessary to drive the input
switched-capacitor network. A possible solution is a high
gain, low bandwidth amplifier stage followed by a high
bandwidth unity-gain buffer.
When external amplifiers are driving the LTC2483, the
ADC input referred system noise calculation can be
simplified by Figure 25. The noise of an amplifier driving
the LTC2483 input pin can be modeled as a band limited
white noise source. Its bandwidth can be approximated
by the bandwidth of a single pole lowpass filter with a
corner frequency fi. The amplifier noise spectral density
is ni. From Figure 25, using fi as the x-axis selector, we
can find on the y-axis the noise equivalent bandwidth
freqi of the input driving amplifier. This bandwidth in-
cludes the band limiting effects of the ADC internal
calibration and filtering. The noise of the driving ampli-
fier referred to the converter input and including all these
effects can be calculated as N = ni • √freqi. The total
system noise (referred to the LTC2483 input) can now be
obtained by summing as square root of sum of squares
the three ADC input referred noise sources: the LTC2483
internal noise, the noise of the IN+ driving amplifier and
the noise of the IN– driving amplifier.
If the CA0/F0 pin is driven by an external oscillator of
frequency fEOSC, Figure 25 can still be used for noise
calculation if the x-axis is scaled by fEOSC/307200. For
large values of the ratio fEOSC/307200, the Figure 25 plot
accuracy begins to decrease, but at the same time the
LTC2483 noise floor rises and the noise contribution of the
driving amplifiers lose significance.
Normal Mode Rejection and Antialiasing
One of the advantages delta-sigma ADCs offer over con-
ventional ADCs is on-chip digital filtering. Combined with
a large oversampling ratio, the LTC2483 significantly
simplifies antialiasing filter requirements. Additionally,
the input current cancellation feature of the LTC2483
allows external lowpass filtering without degrading the DC
performance of the device.
The SINC4 digital filter provides greater than 120dB nor-
mal mode rejection at all frequencies except DC and
integer multiples of the modulator sampling frequency
(fS). The LTC2483’s autocalibration circuits further sim-
plify the antialiasing requirements by additional normal
mode signal filtering both in the analog and digital domain.
Independent of the operating mode, fS = 256 • fN = 2048
• fOUTMAX where fN is the notch frequency and fOUTMAX is
the maximum output data rate. In the internal oscillator
mode, fS = 13960Hz. In the external oscillator mode, fS =
fEOSC/20. The performance of the normal mode rejection
is shown in Figures 26 and 27.
The regions of low rejection occurring at integer multiples
of fS have a very narrow bandwidth. Magnified details of
the normal mode rejection curves are shown in Figure 28
(rejection near DC) and Figure 29 (rejection at fS = 256fN)
where fN represents the notch frequency. These curves
have been derived for the external oscillator mode but they
can be used in all operating modes by appropriately
selecting the fN value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com