Electronic Components Datasheet Search
  English  ▼

X  

LTC2483 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC2483
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC2483 Datasheet HTML 22Page - Linear Technology LTC2483 Datasheet HTML 23Page - Linear Technology LTC2483 Datasheet HTML 24Page - Linear Technology LTC2483 Datasheet HTML 25Page - Linear Technology LTC2483 Datasheet HTML 26Page - Linear Technology LTC2483 Datasheet HTML 27Page - Linear Technology LTC2483 Datasheet HTML 28Page - Linear Technology LTC2483 Datasheet HTML 29Page - Linear Technology LTC2483 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
26
LTC2483
2483f
lator resolves this problem and guarantees a predictable
stable behavior at input signal levels of up to 150% of full
scale. In many industrial applications, it is not uncommon
to have to measure microvolt level signals superimposed
on volt level perturbations and the LTC2483 is eminently
suited for such tasks. When the perturbation is differential,
the specification of interest is the normal mode rejection
for large input signal levels. With a reference voltage
VREF = 5V, the LTC2483 has a full-scale differential input
range of 5V peak-to-peak. Figures 33 and 34 show mea-
surement results for the LTC2483 normal mode rejection
ratio with a 7.5V peak-to-peak (150% of full scale) input
signal superimposed over the more traditional normal
mode rejection ratio results obtained with a 5V peak-to-
peak (full scale) input signal. In Figure 33, the LTC2483
uses the external oscillator with the notch set at 60Hz and
in Figure 34 it uses the external oscillator with the notch set
at 50Hz. It is clear that the LTC2483 rejection performance
is maintained with no compromises in this extreme situa-
tion. When operating with large input signal levels, the user
must observe that such signals do not violate the device
absolute maximum ratings.
APPLICATIO S I FOR ATIO
The user can expect to achieve this level of performance
using the internal oscillator as it is demonstrated by
Figures 30, 31 and 32. Typical measured values of the
normal mode rejection of the LTC2483 operating with an
external oscillator and a 60Hz notch setting are shown in
Figure 30 superimposed over the theoretical calculated
curve. Similarly, the measured normal rejection of the
LTC2483 for 50Hz rejection (fEOSC = 256kHz) and 50Hz/
60Hz rejection (internal oscillator) are shown in Figures 31
and 32.
As a result of these remarkable normal mode specifica-
tions, minimal (if any) antialias filtering is required in front
of the LTC2483. If passive RC components are placed in
front of the LTC2483, the input dynamic current should be
considered (see Input Current section). In this case, the
differential input current cancellation feature of the LTC2483
allows external RC networks without significant degrada-
tion in DC performance.
Traditional high order delta-sigma modulators, while pro-
viding very good linearity and resolution, suffer from
potential instabilities at large input signal levels. The propri-
etary architecture used for the LTC2483 third order modu-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com