Electronic Components Datasheet Search
  English  ▼

X  

LTC2483 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2483
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2483 Datasheet HTML 19Page - Linear Technology LTC2483 Datasheet HTML 20Page - Linear Technology LTC2483 Datasheet HTML 21Page - Linear Technology LTC2483 Datasheet HTML 22Page - Linear Technology LTC2483 Datasheet HTML 23Page - Linear Technology LTC2483 Datasheet HTML 24Page - Linear Technology LTC2483 Datasheet HTML 25Page - Linear Technology LTC2483 Datasheet HTML 26Page - Linear Technology LTC2483 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
23
LTC2483
2483f
Second, the increase in clock frequency will increase
proportionally the amount of sampling charge trans-
ferred through the input and the reference pins. If large
external input and/or reference capacitors (CIN, CREF) are
used, the previous section provides formulae for evaluat-
ing the effect of the source resistance upon the converter
performance for any value of fEOSC. If small external input
and/or reference capacitors (CIN, CREF) are used, the
effect of the external source resistance upon the LTC2483
typical performance can be inferred from Figures 9, 10,
11 and 12 in which the horizontal axis is scaled by
307200/fEOSC.
APPLICATIO S I FOR ATIO
Third, an increase in the frequency of the external oscillator
above 1MHz (a more than 3+ increase in the output data
rate) will start to decrease the effectiveness of the internal
autocalibration circuits. This will result in a progressive
degradation in the converter accuracy and linearity.
Typical measured performance curves for output data
rates up to 100 readings per second are shown in Fig-
ures 16 to 23. In order to obtain the highest possible level
of accuracy from this converter at output data rates above
20 readings per second, the user is advised to maximize
the power supply voltage used and to limit the maximum
ambient operating temperature. In certain circumstances,
a reduction of the differential reference voltage may
be beneficial.
OUTPUT DATA RATE (READINGS/SEC)
0
–10
–5
5
10
20
10
50
70
2483 F21
0
15
40
90 100
20 30
60
80
VCC = 5V, VREF = 2.5V
VCC = VREF = 5V
VIN(CM) = VREF(CM)
VIN = 0V
CA0/F0 = EXT CLOCK
TA = 25°C
Figure 21. Offset Error vs Output
Data Rate and Reference Voltage
Figure 23. Resolution (INLMAX ≤ 1LSB)
vs Output Data Rate and Reference Voltage
OUTPUT DATA RATE (READINGS/SEC)
0
10
12
16
18
22
10
50
70
2483 F23
14
20
40
90 100
20 30
60
80
VIN(CM) = VREF(CM)
VIN = 0V
CA0/F0 = EXT CLOCK
TA = 25°C
RES = LOG 2 (VREF/INLMAX)
VCC = 5V, VREF = 2.5V
VCC = VREF = 5V
OUTPUT DATA RATE (READINGS/SEC)
0
10
12
16
18
22
10
50
70
2483 F20
14
20
40
90 100
20 30
60
80
TA = 85°C
TA = 25°C
VIN(CM) = VREF(CM)
VCC = VREF = 5V
CA0/F0 = EXT CLOCK
RES = LOG 2 (VREF/INLMAX)
Figure 20. Resolution (INLMAX ≤ 1LSB)
vs Output Data Rate and Temperature
Figure 22. Resolution (NoiseRMS ≤ 1LSB)
vs Output Data Rate and Reference Voltage
OUTPUT DATA RATE (READINGS/SEC)
0
10
12
16
18
20
24
10
50
70
2483 F22
14
22
40
90 100
20 30
60
80
VIN(CM) = VREF(CM)
VIN = 0V
CA0/F0 = EXT CLOCK
TA = 25°C
RES = LOG 2 (VREF/NOISERMS)
VCC = 5V, VREF = 2.5V
VCC = VREF = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com