Electronic Components Datasheet Search
  English  ▼

X  

LTC2483 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2483
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2483 Datasheet HTML 18Page - Linear Technology LTC2483 Datasheet HTML 19Page - Linear Technology LTC2483 Datasheet HTML 20Page - Linear Technology LTC2483 Datasheet HTML 21Page - Linear Technology LTC2483 Datasheet HTML 22Page - Linear Technology LTC2483 Datasheet HTML 23Page - Linear Technology LTC2483 Datasheet HTML 24Page - Linear Technology LTC2483 Datasheet HTML 25Page - Linear Technology LTC2483 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
LTC2483
2483f
Output Data Rate
When using its internal oscillator, the LTC2483 produces
up to 6.82sps with simultaneous 50Hz/60Hz rejection. The
actual output data rate will depend upon the length of the
sleep and data output phases which are controlled by the
user and which can be made insignificantly short. When
operated with an external conversion clock (CA0/F0 con-
nected to an external oscillator), the LTC2483 output data
rate can be increased as desired. The duration of the
conversion phase is 41036/fEOSC. If fEOSC = 307.2kHz, the
converter notch is set at 60Hz.
An increase in fEOSC over the nominal 307.2kHz will
translate into a proportional increase in the maximum
APPLICATIO S I FOR ATIO
output data rate. The increase in output rate is neverthe-
less accompanied by three potential effects, which must
be carefully considered.
First, a change in fEOSC will result in a proportional change
in the internal notch position and in a reduction of the
converter differential mode rejection at the power line
frequency. In many applications, the subsequent perfor-
mance degradation can be substantially reduced by relying
upon the LTC2483’s exceptional common mode rejection
and by carefully eliminating common mode to differential
mode conversion sources in the input circuit. The user
should avoid single-ended input filters and should main-
tain a very high degree of matching and symmetry in the
circuits driving the IN+ and IN– pins.
OUTPUT DATA RATE (READINGS/SEC)
–10
10
30
50
0
20
40
20
40
60
80
2483 F16
100
10
030
50
70
90
VIN(CM) = VREF(CM)
VCC = VREF = 5V
VIN = 0V
CA0/F0 = EXT CLOCK
TA = 85°C
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
0
500
1500
2000
2500
3500
10
50
70
2483 F17
1000
3000
40
90 100
20 30
60
80
VIN(CM) = VREF(CM)
VCC = VREF = 5V
CA0/F0 = EXT CLOCK
TA = 85°C
TA = 25°C
Figure 16. Offset Error vs Output Data Rate and Temperature
Figure 17. +FS Error vs Output Data Rate and Temperature
OUTPUT DATA RATE (READINGS/SEC)
0
–3500
–3000
–2000
–1500
–1000
0
10
50
70
2483 F18
–2500
–500
40
90 100
20 30
60
80
VIN(CM) = VREF(CM)
VCC = VREF = 5V
CA0/F0 = EXT CLOCK
TA = 85°C
TA = 25°C
Figure 18. –FS Error vs Output Data Rate and Temperature
OUTPUT DATA RATE (READINGS/SEC)
0
10
12
16
18
20
24
10
50
70
2483 F19
14
22
40
90 100
20 30
60
80
VIN(CM) = VREF(CM)
VCC = VREF = 5V
VIN = 0V
CA0/F0 = EXT CLOCK
RES = LOG 2 (VREF/NOISERMS)
TA = 85°C
TA = 25°C
Figure 19. Resolution (NoiseRMS ≤ 1LSB)
vs Output Data Rate and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com