Electronic Components Datasheet Search
  English  ▼

X  

LTC2483 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2483
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2483 Datasheet HTML 24Page - Linear Technology LTC2483 Datasheet HTML 25Page - Linear Technology LTC2483 Datasheet HTML 26Page - Linear Technology LTC2483 Datasheet HTML 27Page - Linear Technology LTC2483 Datasheet HTML 28Page - Linear Technology LTC2483 Datasheet HTML 29Page - Linear Technology LTC2483 Datasheet HTML 30Page - Linear Technology LTC2483 Datasheet HTML 31Page - Linear Technology LTC2483 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
32
LTC2483
2483f
©LINEAR TECHNOLOGY CORPORATION 2005
LT/LWI/TP 0805 500 • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
TYPICAL APPLICATIO
Figure 35. Voltage Measurement Circuit
PART NUMBER
DESCRIPTION
COMMENTS
LT1236A-5
Precision Bandgap Reference, 5V
0.05% Max Initial Accuracy, 5ppm/
°C Drift
LT1460
Micropower Series Reference
0.075% Max Initial Accuracy, 10ppm/
°C Max Drift
LT1790
Micropower SOT-23 Low Dropout Reference Family
0.05% Max Initial Accuracy, 10ppm/
°C Max Drift
LTC2400
24-Bit, No Latency
∆Σ ADC in SO-8
0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2410
24-Bit, No Latency
∆Σ ADC with Differential Inputs
0.8
µVRMS Noise, 2ppm INL
LTC2411/LTC2411-1 24-Bit, No Latency
∆Σ ADCs with Differential Inputs in MSOP
1.45
µVRMS Noise, 4ppm INL,
Simultaneous 50Hz/60Hz Rejection (LTC2411-1)
LTC2413
24-Bit, No Latency
∆Σ ADC with Differential Inputs
Simultaneous 50Hz/60Hz Rejection, 800nVRMS Noise
LTC2415/
24-Bit, No Latency
∆Σ ADCs with 15Hz Output Rate
Pin Compatible with the LTC2410
LTC2415-1
LTC2414/LTC2418
8-/16-Channel 24-Bit, No Latency
∆ΣADCs
0.2ppm Noise, 2ppm INL, 3ppm Total Unadjusted Errors 200
µA
LTC2440
High Speed, Low Noise 24-Bit
∆Σ ADC
3.5kHz Output Rate, 200nV Noise, 24.6 ENOBs
LTC2480
16-Bit
∆Σ ADC with Easy Drive Inputs, 600nV Noise,
Pin Compatible with LTC2482/LTC2484
Programmable Gain, and Temperature Sensor
LTC2481
16-Bit
∆Σ ADC with Easy Drive Inputs, 600nV Noise,
Pin Compatible with LTC2483/LTC2485
I2C Interface, Programmable Gain, and Temperature Sensor
LTC2482
16-Bit
∆Σ ADC with Easy Drive Inputs
Pin Compatible with LTC2480/LTC2484
LTC2484
24-Bit
∆Σ ADC with Easy Drive Inputs
Pin Compatible with LTC2480/LTC2482
LTC2485
24-Bit
∆Σ ADC with Easy Drive Inputs, I2C Interface and
Pin Compatible with LTC2481/LTC2483
Temperature Sensor
RELATED PARTS
SCL
SDA
CAO/FO
6
7
10
18
17
16
15
14
13
12
11
28
27
26
25
24
23
22
21
7
6
5
4
3
2
VCC
5V
LTC2483
REF
REF–
IN–
IN+
3
ISOTHERMAL
2
C7
0.1
µF
C8
1
µF
C6
0.1
µF
4
R2
2k
5
TYPE K
THERMOCOUPLE
JACK
(OMEGA MPJ-K-F)
5V
5V
3
8
9
GND
CA1
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
RA5
RA4
RA3
RA2
RA1
RA0
VDD
OSC1
OSC2
MCLR
20
9
10
1
5V
5V
Y1
6MHz
R1
10k
D1
BAT54
VSS
9
2483 F35
VSS
19
PIC16F73
D7
D6
D5
D4
EN
RW
RS
R5
10k
R4
10k
R3
10k
R6
5k
2
1
3
2
1
5V
CALIBRATE
CONTRAST
GND D0
VCC
D1 D2 D3
2
× 16 CHARACTER
LCD DISPLAY
(OPTREX DMC162488
OR SIMILAR)
DOWN
UP
1.7k
1.7k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com