Electronic Components Datasheet Search
  English  ▼

X  

LTC2483 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2483
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2483 Datasheet HTML 10Page - Linear Technology LTC2483 Datasheet HTML 11Page - Linear Technology LTC2483 Datasheet HTML 12Page - Linear Technology LTC2483 Datasheet HTML 13Page - Linear Technology LTC2483 Datasheet HTML 14Page - Linear Technology LTC2483 Datasheet HTML 15Page - Linear Technology LTC2483 Datasheet HTML 16Page - Linear Technology LTC2483 Datasheet HTML 17Page - Linear Technology LTC2483 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
14
LTC2483
2483f
Initiating a New Conversion
When the LTC2483 finishes a conversion, it automatically
enters the sleep state. Once in the sleep state, the device
is ready for a Read operation. After the device acknowl-
edges a Read request, the device exits the sleep state and
enters the data output state. The data output state con-
cludes and the LTC2483 starts a new conversion once a
STOP condition is issued by the master or all 24-bits of
data are read out of the device.
During the data read cycle, a stop command may be issued
by the master controller in order to start a new conversion
and abort the data transfer. This stop command must be
issued during the 9th clock cycle of a byte read when the
bus is free (the ACK/NAK cycle).
LTC2483 Address
The LTC2483 has two address pins, enabling one in 6
possible addresses, as shown in Table 3.
Table 3. LTC2483 Address Assignment
CA1
CA0/F0 *
Address
LOW
HIGH
001 01 00
LOW
Floating
001 01 01
Floating
HIGH
001 01 11
Floating
Floating
010 01 00
HIGH
HIGH
010 01 10
HIGH
Floating
010 01 11
* CA0/F0 is treated as HIGH when driven by a valid external clock.
Data Read
The data read operation sequence is shown in Figure 5.
When the conversion is finished, the device may be
addressed for a read operation. At the end of a read
operation, a new conversion begins. At the conclusion
of the conversion cycle, the next result may be read
using the method described above. If the conversion
cycle is not concluded and a valid address selects the
device, the LTC2483 generates a NAK signal indicating
the conversion cycle is in progress.
Easy Drive Input Current Cancellation
The LTC2483 combines a high precision delta-sigma ADC
with an automatic differential input current cancellation
front end. A proprietary front-end passive sampling
network transparently removes the differential input cur-
rent. This enables external RC networks and high imped-
ance sensors to directly interface to the LTC2483 without
external amplifiers. The remaining common mode input
current is eliminated by either balancing the differential
input impedances or setting the common mode input
equal to the common mode reference (see Automatic
Input Current Cancellation section). This unique architec-
ture does not require on-chip buffers enabling input
signals to swing all the way to ground and up to VCC.
Furthermore, the cancellation does not interfere with the
transparent offset and full-scale auto-calibration and the
absolute accuracy (full scale + offset + linearity) is main-
tained even with external RC networks.
Conversion Clock
A major advantage the delta-sigma converter offers over
conventional type converters is an on-chip digital filter
(commonly implemented as a SINC or Comb filter). For high
resolution, low frequency applications, this filter is typically
designed to reject line frequencies of 50Hz and 60Hz plus
their harmonics. The filter rejection performance is directly
related to the accuracy of the converter system clock. The
LTC2483 incorporates a highly accurate on-chip oscillator.
This eliminates the need for external frequency setting com-
ponents such as crystals or oscillators.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com