Electronic Components Datasheet Search
  English  ▼

X  

LTC3219 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3219
Description  250mA Universal Nine Channel LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3219 Datasheet(HTML) 1 Page - Linear Technology

  LTC3219 Datasheet HTML 1Page - Linear Technology LTC3219 Datasheet HTML 2Page - Linear Technology LTC3219 Datasheet HTML 3Page - Linear Technology LTC3219 Datasheet HTML 4Page - Linear Technology LTC3219 Datasheet HTML 5Page - Linear Technology LTC3219 Datasheet HTML 6Page - Linear Technology LTC3219 Datasheet HTML 7Page - Linear Technology LTC3219 Datasheet HTML 8Page - Linear Technology LTC3219 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3219
1
3219fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
250mA Universal
Nine Channel LED Driver
The LTC
®3219 is a highly integrated multidisplay LED
driver. The device contains a high efficiency, low noise
charge pump to provide power to nine universal LED
current sources. The LTC3219 requires only five small
ceramic capacitors to form a complete LED power supply
and current controller.
The maximum display currents are set by an internal pre-
cision current reference. Independent dimming, On/Off,
blinking and gradation control for all current sources is
achieved via the I2C serial interface. 6-bit linear DACs are
available for adjusting brightness levels for each universal
LED current source.
The LTC3219 charge pump optimizes efficiency based on
the voltage across the LED current sources. The device
powers up in 1x mode and will automatically switch to
boost mode whenever any enabled LED current source
begins to enter dropout. The first dropout switches the
IC into 1.5x mode and a subsequent dropout switches
the LTC3219 into 2x mode. The part resets to 1x mode
whenever a data register is updated via the I2C port.
■
Multimode Charge Pump Provides Up to 91%
Efficiency
■
Slew Limited Switching Reduces Conducted and
Radiated Noise (EMI)
■
Up to 250mA Total Output Current
■
Nine 28mA Universal Current Sources with 64-Step
Linear Brightness Control
■
Independent On/Off, Brightness Level, Blinking and
Gradation Control for Each Current Source Using
2-Wire I2C
TM Interface
■
Internal Current Reference
■
Configurable ENU Pin for Asynchronous LED On/Off
Control
■
Low Noise Charge Pump Operates in 1x, 1.5x or 2x
Mode for Optimal Efficiency*
■
Automatic or Forced Mode Switching
■
Internal Soft-Start Limits Inrush Current
■
Short-Circuit/Thermal Protection
■
3mm
× 3mm 20-Lead QFN Plastic Package
■
Video Phones with QVGA+ Displays
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
*Protected by U.S. Patents, including 6411531.
C3
1μF
C1P C1M
GND
C2
1μF
C2P
LTC3219
C2M
CPO
ULED1-9
3219 TA01a
VBAT
VBAT
I2C
DVCC
29
MAIN
SUB
RGB
SCL/SDA
C1
2.2μF
0.1μF
C4
2.2μF
ENABLE DISABLE
ENU
DVCC
4-LED Main, 2-LED Sub and RGB


Similar Part No. - LTC3219

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3219 LINER-LTC3219_15 Datasheet
213Kb / 20P
250mA Universal Nine Channel LED Driver
More results

Similar Description - LTC3219

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3220 LINER-LTC3220 Datasheet
213Kb / 20P
360mA Universal 18-Channel LED Driver
LTC3220 LINER-LTC3220_1 Datasheet
216Kb / 20P
360mA Universal 18-Channel LED Driver
logo
alpha microelectronics ...
AMG-LL9910B ALPHA-MICRO-AMG-LL9910B Datasheet
1Mb / 15P
Universal High Voltage Single Channel LED Driver
logo
Linear Technology
LTC3220 LINER-LTC3220_15 Datasheet
220Kb / 20P
360mA Universal 18-Channel LED Driver
LTC3220-1 LINER-LTC3220-1_15 Datasheet
220Kb / 20P
360mA Universal 18-Channel LED Driver
LTC3219 LINER-LTC3219_15 Datasheet
213Kb / 20P
250mA Universal Nine Channel LED Driver
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
Universal LED Driver
logo
Texas Instruments
LP5569 TI1-LP5569_18 Datasheet
2Mb / 93P
Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
logo
Diodes Incorporated
AL5873 DIODES-AL5873 Datasheet
1Mb / 16P
55V/250mA THREE-CHANNEL LINEAR LED DRIVER
Rev. 1 - 2 March 2022
AL5873Q DIODES-AL5873Q Datasheet
855Kb / 16P
55V/250mA THREE-CHANNEL LINEAR LED DRIVER
Rev. 2 - 2 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com