Electronic Components Datasheet Search
  English  ▼

X  

LTC3219 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3219
Description  250mA Universal Nine Channel LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3219 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3219 Datasheet HTML 9Page - Linear Technology LTC3219 Datasheet HTML 10Page - Linear Technology LTC3219 Datasheet HTML 11Page - Linear Technology LTC3219 Datasheet HTML 12Page - Linear Technology LTC3219 Datasheet HTML 13Page - Linear Technology LTC3219 Datasheet HTML 14Page - Linear Technology LTC3219 Datasheet HTML 15Page - Linear Technology LTC3219 Datasheet HTML 16Page - Linear Technology LTC3219 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC3219
13
3219fa
OPERATION
Sub-Address 0001 TO 1001 per Sub-Address Table Above
ULED Mode Enable Bits
LED Current Data
MSB
LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Normal
Blink Enabled
Gradation Enabled
GPO Mode
(Gradation/Blink/Dropout Off)
0
0
1
1
0
1
0
1
D5
D5
D5
D5
D4
D4
D4
D4
D3
D3
D3
D3
D2
D2
D2
D2
D1
D1
D1
D1
D0
D0
D0
D0
Register Sub-Address = 1010
MSB
LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ULED8
ULED7
ULED6
ULED5
ULED4
ULED3
ULED2
ULED1
Data Bytes
REG1 to REG9, Universal LED 6-bit linear DAC data with
blink/gradation.
REG10, ENU
Setting bits D0 to D7 high selects the ULED outputs to be
controlled by ENU.
REG11, Gradation and Blink Times
Setting bit D0 high selects ULED9 to be controlled by ENU,
Bits D1 to D4 control gradation and blink times.
The gradation ramp time is the time that the current ramps.
The gradation period is the total time that is required to start
and end a gradation timer.
Sub-Address = 1011
Blink Times and Period
Gradation Ramp Times and Period
ENU Select
D4
D3
On-Time
Period
D2
D1
Ramp Time
Period
D0
0
0
1
1
0
1
0
1
0.625s
0.156s
0.625s
0.156s
1.25s
1.25s
2.5s
2.5s
0
0
1
1
0
1
0
1
Disabled
0.24s
0.48s
0.96s
Disabled
0.325s
0.65s
1.30s
ULED9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com