Electronic Components Datasheet Search
  English  ▼

X  

LTC3219 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3219
Description  250mA Universal Nine Channel LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3219 Datasheet(HTML) 4 Page - Linear Technology

  LTC3219 Datasheet HTML 1Page - Linear Technology LTC3219 Datasheet HTML 2Page - Linear Technology LTC3219 Datasheet HTML 3Page - Linear Technology LTC3219 Datasheet HTML 4Page - Linear Technology LTC3219 Datasheet HTML 5Page - Linear Technology LTC3219 Datasheet HTML 6Page - Linear Technology LTC3219 Datasheet HTML 7Page - Linear Technology LTC3219 Datasheet HTML 8Page - Linear Technology LTC3219 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3219
4
3219fa
TYPICAL PERFORMANCE CHARACTERISTICS
Mode Switch Dropout Times
VCPO
1V/DIV
200μs/DIV
3219 G01
VBAT = 3.6V
1x
1.5x
2x
VCPO
20mV/DIV
AC COUPLED
500ns/DIV
3219 G03
VBAT = 3.6V
ICPO = 100mA
CCPO = 2.2μF
1.5x Mode CPO Ripple
2x Mode CPO Ripple
1x Mode Switch Resistance vs
Temperature
1.5x Mode Charge Pump Open-Loop
Output Resistance vs Temperature
(1.5VBAT – VCPO)/ICPO
TEMPERATURE (°C)
–40
1.00
1.10
1.20
60
3219 G04
0.90
0.80
0.95
1.05
1.15
0.85
0.75
0.70
–15
10
35
85
ICPO = 100mA
VBAT = 3.3V
VBAT = 3.9V
VBAT = 3.6V
TEMPERATURE (°C)
–40
5.50
6.00
6.50
60
3219 G05
5.00
4.50
5.25
5.75
6.25
4.75
4.25
4.00
–15
10
35
85
VBAT = 3V
VCPO = 4.2V
C2 = C3 = 1μF
C4 = 2.2μF
1.5x Mode CPO Voltage
vs ICPO
ICPO (mA)
0
3.6
3.8
4.0
4.2
4.4
4.6
4.8
50
100
150
200
3219 G06
250
C4 = 2.2μF
C2 = C3 = 1μF
VBAT = 3.6V
3.5V
3.0V
3.3V
3.2V
3.1V
3.4V
2x Mode Charge Pump Open-Loop
Output Resistance vs Temperature
(2VBAT – VCPO)/ICPO
2x Mode CPO Voltage
vs ICPO
TEMPERATURE (°C)
–40
6.50
7.00
7.50
60
3219 G07
6.00
5.50
6.25
6.75
7.25
5.75
5.25
5.00
–15
10
35
85
VBAT = 3V
VCPO = 4.8V
C2 = C3 = 1μF
C4 = 2.2μF
ICPO (mA)
0
4.2
4.4
4.6
4.8
50
100
150
200
3219 G08
250
5.0
5.2
4.3
4.5
4.7
4.9
5.1
300
C4 = 2.2μF
C2 = C3 = 1μF
VBAT = 3.6V
3.0V
3.3V
3.2V
3.1V
3.5V
3.4V
Oscillator Frequency
vs VBAT Voltage
VBAT VOLTAGE (V)
2.7
775
800
825
850
875
3.1
3.5
3.9
4.3
3219 G09
4.7
5.1
5.5
TA = –40°C
TA = 85°C
TA = 25°C
TA = 25°C unless otherwise noted.
VCPO
20mV/DIV
AC COUPLED
500ns/DIV
3219 G02
VBAT = 3.6V
ICPO = 100mA
CCPO = 2.2μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com