Electronic Components Datasheet Search
  English  ▼

X  

LTC3219 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3219
Description  250mA Universal Nine Channel LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3219 Datasheet(HTML) 2 Page - Linear Technology

  LTC3219 Datasheet HTML 1Page - Linear Technology LTC3219 Datasheet HTML 2Page - Linear Technology LTC3219 Datasheet HTML 3Page - Linear Technology LTC3219 Datasheet HTML 4Page - Linear Technology LTC3219 Datasheet HTML 5Page - Linear Technology LTC3219 Datasheet HTML 6Page - Linear Technology LTC3219 Datasheet HTML 7Page - Linear Technology LTC3219 Datasheet HTML 8Page - Linear Technology LTC3219 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3219
2
3219fa
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
VBAT, DVCC, CPO........................................... –0.3V to 6V
ULED1-ULED9 ............................................. –0.3V to 6V
SDA, SCL, ENU ...........................–0.3V to (DVCC + 0.3V)
ICPO (Note 2) .......................................................250mA
CPO Short-Circuit Duration .............................. Indefinite
Operating Temperature Range (Note 3).... –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
(Notes 1, 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VBAT Operating Voltage
●
2.9
5.5
V
IVBAT Operating Current
ICPO = 0, 1x Mode
ICPO = 0, 1.5x Mode
ICPO = 0, 2x Mode
0.4
1.7
2.1
mA
mA
mA
VBAT UVLO Threshold
1.5
V
DVCC Operating Voltage
●
1.5
5.5
V
DVCC UVLO Threshold
1V
VBAT Shutdown Current
3.2
μA
DVCC Shutdown Current
●
1μA
Universal LED Current, 6-Bit Linear DACs, ULED = 1V
Full-Scale LED Current
●
25
28
31
mA
Minimum LED Current
Data Code = 1
0.51
mA
LED Current Matching
Any Two Outputs
2
%
Blink Rate Period
REG 11, D3 and D4
1.25
2.5
s
s
ULED Up/Down Gradation Ramp Times
REG11, D1 and D2
0.24
0.48
0.96
s
s
s
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBAT = 3.6V, DVCC = 3V, ENU = Hi, C1/C4 = 2.2μF, C2, C3 = 1μF, unless
otherwise noted.
PIN CONFIGURATION
20 19 18 17 16
7
8
TOP VIEW
21
UD PACKAGE
20-LEAD (3mm
3mm) PLASTIC QFN
9 10
CPO
ULED1
ULED2
ULED3
ULED4
GND
ULED9
ULED8
ULED7
ULED6
12
11
13
14
15
4
5
3
2
1
6
TJMAX = 125°C, θJA = 68°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3219EUD#PBF
LTC3219EUD#TRPBF
LCJV
20-Lead (3mm
× 3mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com