Electronic Components Datasheet Search
  English  ▼

X  

LTC3219 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3219
Description  250mA Universal Nine Channel LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3219 Datasheet(HTML) 3 Page - Linear Technology

  LTC3219 Datasheet HTML 1Page - Linear Technology LTC3219 Datasheet HTML 2Page - Linear Technology LTC3219 Datasheet HTML 3Page - Linear Technology LTC3219 Datasheet HTML 4Page - Linear Technology LTC3219 Datasheet HTML 5Page - Linear Technology LTC3219 Datasheet HTML 6Page - Linear Technology LTC3219 Datasheet HTML 7Page - Linear Technology LTC3219 Datasheet HTML 8Page - Linear Technology LTC3219 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3219
3
3219fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Based on long-term current density limitations.
Note 3: The LTC3219 is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the – 40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBAT = 3.6V, DVCC = 3V, ENU = Hi, C1/C4 = 2.2μF, C2, C3 = 1μF, unless
otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gradation Period
REG11, D1 and D2
●
●
●
0.325
0.65
1.30
0.45
0.9
1.8
s
s
s
s
s
s
VOL General Purpose Output Mode (GPO)
IOUT = 1mA, Single Output Enabled
10
mV
Charge Pump (CPO)
1x Mode Output Impedance
1Ω
1.5x Mode Output Impedance
VBAT = 3V, VCPO = 4.2V (Notes 5, 7)
5.2
Ω
2x Mode Output Impedance
VBAT = 3V, VCPO = 4.8V (Notes 5, 7)
6.2
Ω
CPO Regulation Voltage
1.5x Mode, ICPO = 20mA
2x Mode, ICPO = 20mA
4.53
5.04
V
V
Clock Frequency
●
0.65
0.85
1.05
MHz
SDA, SCL, ENU
VIL
●
0.3 • DVCC
V
VIH
●
0.7V • DVCC
V
IIH
SDA, SCL, ENU = DVCC
●
–1
1
μA
IIL
SDA, SCL, ENU = 0V
●
–1
1
μA
VOL, Digital Output Low (SDA)
IPULLUP = 3mA
●
0.12
0.4
V
Serial Port Timing (Notes 6, 7)
tSCL
Clock Operating Frequency
400
kHz
tBUF
Bus Free Time Between Stop and Start Condition
1.3
μs
tHD,STA
Hold Time After (Repeated) Start Condition
0.6
μs
tSU,STA
Repeated Start Condition Setup Time
0.6
μs
tSU,STO
Stop Condition Setup Time
0.6
μs
tHD,DAT(OUT)
Data Hold Time
0
900
ns
tHD,DAT(IN)
Input Data Hold Time
0
ns
tSU,DAT
Data Setup Time
100
ns
tLOW
Clock Low Period
1.3
μs
tHIGH
Clock High Period
0.6
μs
tf
Clock Data Fall Time
20
300
ns
tr
Clock Data Rise Time
20
300
ns
tSP
Spike Suppression Time
50
ns
Note 4: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
Note 5: 1.5x mode output impedance is defined as (1.5VBAT – VCPO)/IOUT.
2x mode output impedance is defined as (2VBAT – VCPO)/IOUT.
Note 6: All values are referenced to VIH and VIL levels.
Note 7: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com