Electronic Components Datasheet Search
  English  ▼

X  

LTC3219 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3219
Description  250mA Universal Nine Channel LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3219 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3219 Datasheet HTML 12Page - Linear Technology LTC3219 Datasheet HTML 13Page - Linear Technology LTC3219 Datasheet HTML 14Page - Linear Technology LTC3219 Datasheet HTML 15Page - Linear Technology LTC3219 Datasheet HTML 16Page - Linear Technology LTC3219 Datasheet HTML 17Page - Linear Technology LTC3219 Datasheet HTML 18Page - Linear Technology LTC3219 Datasheet HTML 19Page - Linear Technology LTC3219 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC3219
18
3219fa
TYPICAL APPLICATIONS
C3
1μF
C1P C1M
GND
C2
1μF
C2P
LTC3219
C2M
CPO
ULED1-9
3219 TA03
VBAT
VBAT
I2C
29
RGB1
RGB2
RGB3
SCL/SDA
C1
2.2μF
C4
2.2μF
ENU
DVCC
DVCC
C5
0.1μF
PWM
C3
1μF
C1P C1M
GND
C2
1μF
C2P
LTC3219
C2M
CPO
ULED5-9
3219 TA04
VBAT
VBAT
I2C
25
I2C CONTROLLED
OPEN-DRAIN OUTPUTS
MAIN
SCL/SDA
C1
2.2μF
C4
2.2μF
ENU
DVCC
ULED4
ULED1
ULED2
ULED3
DVCC
C5
0.1μF
ENABLE DISABLE
Three RGB LED Groups
5-LED Main, 4 General Purpose Open-Drain Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com