Electronic Components Datasheet Search
  English  ▼

X  

LTC3219 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3219
Description  250mA Universal Nine Channel LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3219 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3219 Datasheet HTML 10Page - Linear Technology LTC3219 Datasheet HTML 11Page - Linear Technology LTC3219 Datasheet HTML 12Page - Linear Technology LTC3219 Datasheet HTML 13Page - Linear Technology LTC3219 Datasheet HTML 14Page - Linear Technology LTC3219 Datasheet HTML 15Page - Linear Technology LTC3219 Datasheet HTML 16Page - Linear Technology LTC3219 Datasheet HTML 17Page - Linear Technology LTC3219 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC3219
14
3219fa
OPERATION
Bus Speed
The I2C port is designed to be operated at speeds of up
to 400kHz. It has built-in timing delays to ensure correct
operation when addressed from an I2C compliant master
device. It also contains input filters designed to suppress
glitches should the bus become corrupted.
Start and Stop Conditions
A bus-master signals the beginning of a communication
to a slave device by transmitting a Start condition.
A Start condition is generated by transitioning SDA from
high to low while SCL is high. When the master has
finished communicating with the slave, it issues a Stop
condition by transitioning SDA from low to high while
SCL is high. The bus is then free for communication with
another I2C device.
Byte Format
Each byte sent to the LTC3219 must be eight bits long
followed by an extra clock cycle for the Acknowledge bit
to be returned by the LTC3219. The data should be sent
to the LTC3219 most significant bit (MSB) first.
Acknowledge
The Acknowledge signal is used for handshaking between
the master and the slave. An Acknowledge (active Low)
generated by the slave (LTC3219) lets the master know
that the latest byte of information was received. The
Acknowledge related clock pulse is generated by the
master. The master releases the SDA line (High) during
the Acknowledge clock cycle. The slave-receiver must pull
down the SDA line during the Acknowledge clock pulse
so that it remains a stable Low during the High period of
this clock pulse.
Slave Address
The LTC3219 responds to only one 7-bit address which
has been factory programmed to 0011011. The eighth
bit of the address byte (R/W) must be 0 for the LTC3219
to recognize the address since it is a write only device.
This effectively forces the address to be eight bits long
where the least significant bit of the address is 0. If the
correct seven bit address is given but the R/W bit is 1,
the LTC3219 will not respond.
Bus Write Operation
The master initiates communication with the LTC3219
with a START condition and a 7-bit address followed
by the Write Bit R/W = 0. If the address matches that
of the LTC3219, the LTC3219 returns an Acknowledge.
The master should then deliver the most significant
sub-address byte for the data register to be written.
Again the LTC3219 acknowledges and then the data is
delivered starting with the most significant bit. This cycle
is repeated until all of the required data registers have
been written. Any number of data latches can be written.
Each data byte is transferred to an internal holding latch
upon the return of an Acknowledge. After all data bytes
have been transferred to the LTC3219, the master may
terminate the communication with a Stop condition.
Alternatively, a Repeat-Start condition can be initiated
by the master and another chip on the I2C bus can be
addressed. This cycle can continue indefinitely and the
LTC3219 will remember the last input of valid data that it
received. Once all chips on the bus have been addressed
and sent valid data, a global Stop condition can be sent
and the LTC3219 will update all registers with the data
that it had received.
In certain circumstances the data on the I2C bus may
become corrupted. In these cases the LTC3219 responds
appropriately by preserving only the last set of complete
data that it has received. For example, assume the LTC3219
has been successfully addressed and is receiving data
when a Stop condition mistakenly occurs. The LTC3219
will ignore this stop condition and will not respond until
a new Start condition, correct address, sub-address and
new set of data and Stop condition are transmitted.
Likewise, if the LTC3219 was previously addressed and
sent valid data but not updated with a Stop, it will respond



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com