Electronic Components Datasheet Search
  English  ▼

X  

BQ2011 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2011
Description  Gas Gauge IC for High Discharge Rates
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2011 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ2011 Datasheet HTML 4Page - Texas Instruments BQ2011 Datasheet HTML 5Page - Texas Instruments BQ2011 Datasheet HTML 6Page - Texas Instruments BQ2011 Datasheet HTML 7Page - Texas Instruments BQ2011 Datasheet HTML 8Page - Texas Instruments BQ2011 Datasheet HTML 9Page - Texas Instruments BQ2011 Datasheet HTML 10Page - Texas Instruments BQ2011 Datasheet HTML 11Page - Texas Instruments BQ2011 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Discharge Compensation
Corrections for the rate of discharge are made by adjust-
ing an internal discharge compensation factor. The dis-
charge factor is based on the dynamically measured VSR.
The compensation factors during discharge are:
Temperature compensation during discharge also takes place.
At lower temperatures, the compensation factor increases by
0.05 for each 10°C temperature step below 10°C.
Comp. factor = 1.00 + (0.05 * N)
Where N = number of 10°C steps below 10°C and
VSR < 50mV.
For example:
T > 10°C: Nominal compensation, N = 0
0°C<T< 10°C: N = 1 (i.e., 1.00 becomes 1.05)
-10°C<T< 0°C: N = 2 (i.e., 1.00 becomes 1.10)
-20°C<T< -10°C: N = 3 (i.e., 1.00 becomes 1.15)
-20°C<T< -30°C: N = 4 (i.e., 1.00 becomes 1.20)
Self-Discharge Compensation
The self-discharge compensation is programmed for a
nominal rate of 1
80 * NAC per day. This is the rate for a
battery within the 20–30°C temperature range (TMPGG
= 6x). This rate varies across 8 ranges from <10°C to
>70°C, doubling with each higher temperature step
(10°C). See Table 2
Error Summary
Capacity Inaccurate
The LMD is susceptible to error on initialization or if no up-
dates occur. On initialization, the LMD value includes the
error between the programmed full capacity and the actual
capacity. This error is present until a valid discharge oc-
curs and LMD is updated (see the DCR description on page
7). The other cause of LMD error is battery wear-out. As
the battery ages, the measured capacity must be adjusted
to account for changes in actual battery capacity.
A Capacity Inaccurate counter (CPI) is maintained and
incremented each time a valid charge occurs and is reset
whenever LMD is updated from the DCR. The counter
does not wrap around but stops counting at 255. The ca-
pacity inaccurate flag (CI) is set if LMD has not been
updated following 64 valid charges.
Current-Sensing Error
Table 3 illustrates the current-sensing error as a func-
tion of VSR. A digital filter eliminates charge and
discharge counts to the NAC register when VSRO (VSR +
VOS) is between -400
µV and 500µV.
8
bq2011
Temperature
Range
Self-Discharge Compensation
Typical Rate/Day
< 10°C
NAC
320
10–20°C
NAC
160
20–30°C
NAC
80
30–40°C
NAC
40
40–50°C
NAC
20
50–60°C
NAC
10
60–70°C
NAC
5
> 70°C
NAC
25
.
Table 2. Self-Discharge Compensation
Approximate
VSR Threshold
Discharge
Compensation
Factor
Efficiency
VSR < 50 mV
1.00
100%
VSR1 > 50 mV
1.05
95%
VSR2 > 100 mV
1.15
85%
VSR3 > 150 mV
1.25
75%
VSR4 > 253 mV
1.25
75%
Symbol
Parameter
Typical
Maximum
Units
Notes
INL
Integrated non-linearity
error
± 2
± 4
%
Add 0.1% per °C above or below 25°C
and 1% per volt above or below 4.25V.
INR
Integrated non-
repeatability error
± 1
± 2
%
Measurement repeatability given
similar operating conditions.
Table 3. bq2011 Current-Sensing Errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com