Electronic Components Datasheet Search
  English  ▼

X  

BQ2011 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2011
Description  Gas Gauge IC for High Discharge Rates
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2011 Datasheet(HTML) 15 Page - Texas Instruments

Back Button BQ2011 Datasheet HTML 11Page - Texas Instruments BQ2011 Datasheet HTML 12Page - Texas Instruments BQ2011 Datasheet HTML 13Page - Texas Instruments BQ2011 Datasheet HTML 14Page - Texas Instruments BQ2011 Datasheet HTML 15Page - Texas Instruments BQ2011 Datasheet HTML 16Page - Texas Instruments BQ2011 Datasheet HTML 17Page - Texas Instruments BQ2011 Datasheet HTML 18Page - Texas Instruments BQ2011 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
bq2011
Absolute Maximum Ratings
Symbol
Parameter
Minimum
Maximum
Unit
Notes
VCC
Relative to VSS
-0.3
+7.0
V
All other pins
Relative to VSS
-0.3
+7.0
V
VSR
Relative to VSS
-0.3
+7.0
V
Minimum 100
Ω series resistor
should be used to protect SR in case
of a shorted battery (see the bq2011
application note for details).
TOPR
Operating temperature
0
+70
°C
Commercial
-40
+85
°C
Industrial
Note:
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional opera-
tion should be limited to the Recommended DC Operating Conditions detailed in this data sheet. Expo-
sure to conditions beyond the operational limits for extended periods of time may affect device reliability.
DC Voltage Thresholds (TA = TOPR; V = 3.0 to 6.5V)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Notes
VEDV
End-of-discharge warning
0.87
0.90
0.93
V
SB
VSR1
Discharge compensation threshold
20
50
75
mV
SR (see note)
VSR2
Discharge compensation threshold
70
100
125
mV
SR (see note)
VSR3
Discharge compensation threshold
120
150
175
mV
SR (see note)
VSR4
Discharge compensation threshold
220
253
275
mV
SR (see note)
VSRQ
Valid charge
-
-
-400
µVVSR + VOS
VSRD
Valid discharge
500
-
-
µVVSR + VOS
VMCV
Maximum single-cell voltage
1.95
2.0
2.05
V
SB
VBR
Battery removed/replaced
-
0.1
0.25
V
SB
Note:
For proper operation of the threshold detection circuit, VCC must be at least 1.5V greater than the volt-
age being measured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com