Electronic Components Datasheet Search
  English  ▼

X  

BQ2011 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2011
Description  Gas Gauge IC for High Discharge Rates
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2011 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ2011 Datasheet HTML 5Page - Texas Instruments BQ2011 Datasheet HTML 6Page - Texas Instruments BQ2011 Datasheet HTML 7Page - Texas Instruments BQ2011 Datasheet HTML 8Page - Texas Instruments BQ2011 Datasheet HTML 9Page - Texas Instruments BQ2011 Datasheet HTML 10Page - Texas Instruments BQ2011 Datasheet HTML 11Page - Texas Instruments BQ2011 Datasheet HTML 12Page - Texas Instruments BQ2011 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Communicating with the bq2011
The bq2011 includes a simple single-pin (DQ plus re-
turn) serial data interface. A host processor uses the in-
terface to access various bq2011 registers. Battery char-
acteristics may be easily monitored by adding a single
contact to the battery pack. The open-drain DQ pin on
the bq2011 should be pulled up by the host system, or may
be left floating if the serial interface is not used.
The interface uses a command-based protocol, where the
host processor sends a command byte to the bq2011.
The command directs the bq2011 to either store the next
eight bits of data received to a register specified by the
command byte or output the eight bits of data specified
by the command byte.
The communication protocol is asynchronous return-to-
one. Command and data bytes consist of a stream of eight
bits that have a maximum transmission rate of 333
bits/sec. The least-significant bit of a command or data
byte is transmitted first. The protocol is simple enough
that it can be implemented by most host processors using
either polled or interrupt processing. Data input from the
bq2011 may be sampled using the pulse-width capture
timers available on some microcontrollers.
Communication is normally initiated by the host proces-
sor sending a BREAK command to the bq2011.
A
BREAK is detected when the DQ pin is driven to a
logic-low state for a time, tB or greater. The DQ pin
should then be returned to its normal ready-high logic
state for a time, tBR. The bq2011 is now ready to receive
a command from the host processor.
The return-to-one data bit frame consists of three distinct
sections. The first section is used to start the transmission
by either the host or the bq2011 taking the DQ pin to a
logic-low state for a period, tSTRH,B. The next section is the
actual data transmission, where the data should be valid by
a period, tDSU, after the negative edge used to start commu-
nication. The data should be held for a period, tDV, to allow
the host or bq2011 to sample the data bit.
The final section is used to stop the transmission by return-
ing the DQ pin to a logic-high state by at least a period,
tSSU, after the negative edge used to start communication.
The final logic-high state should be held until a period, tSV,
to allow time to ensure that the bit transmission was
stopped properly. The timings for data and break commu-
nication are given in the serial communication timing
specification and illustration sections.
Communication with the bq2011 is always performed
with the least-significant bit being transmitted first.
Figure 3 shows an example of a communication se-
quence to read the bq2011 NAC register.
bq2011 Registers
The bq2011 command and status registers are listed in
Table 4 and described below.
Command Register (CMDR)
The write-only CMDR register is accessed when eight
valid command bits have been received by the bq2011.
The CMDR register contains two fields:
n
W/R bit
n
Command address
The W/R bit of the command register is used to select
whether the received command is for a read or a write
function.
9
bq2011
TD201101.eps
DQ
Break
0 0 0 0 0 0
1 0 1 0 0 1
Written by Host to bq2011
CMDR = 03h
Received by Host to bq2011
NAC = 65h
LSB
MSB
LSB
MSB
1
11 0
Figure 3. Typical Communication with the bq2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com