Electronic Components Datasheet Search
  English  ▼

X  

BQ2011 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2011
Description  Gas Gauge IC for High Discharge Rates
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2011 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ2011 Datasheet HTML 6Page - Texas Instruments BQ2011 Datasheet HTML 7Page - Texas Instruments BQ2011 Datasheet HTML 8Page - Texas Instruments BQ2011 Datasheet HTML 9Page - Texas Instruments BQ2011 Datasheet HTML 10Page - Texas Instruments BQ2011 Datasheet HTML 11Page - Texas Instruments BQ2011 Datasheet HTML 12Page - Texas Instruments BQ2011 Datasheet HTML 13Page - Texas Instruments BQ2011 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
bq2011
Symbol
Register
Name
Loc.
(hex)
Read/
Write
Control Field
7(MSB)
6
5
4321
0(LSB)
CMDR
Command
register
00h
Write
W/R
AD6
AD5
AD4
AD3
AD2
AD1
AD0
FLGS1
Primary
status flags
register
01h
Read
CHGS
BRP
MCV
CI
VDQ
n/u
EDV
n/u
TMPGG
Temperature
and gas gauge
register
02h
Read
TMP3
TMP2
TMP1
TMP0
GG3
GG2
GG1
GG0
NACH
Nominal
available
charge high
byte register
03h
R/W
NACH7 NACH6 NACH5 NACH4 NACH3 NACH2 NACH1 NACH0
NACL
Nominal
available
charge low
byte register
17h
Read
NACL7 NACL6
NACL5
NACL4 NACL3 NACL2 NACL1 NACL0
BATID
Battery
identification
register
04h
R/W
BATID7 BATID6 BATID5 BATID4 BATID3 BATID2 BATID1 BATID0
LMD
Last meas-
ured dis-
charge regis-
ter
05h
R/W
LMD7
LMD6
LMD5
LMD4
LMD3
LMD2
LMD1
LMD0
FLGS2
Secondary
status flags
register
06h
Read
CR
DR2
DR1
DR0
n/u
n/u
n/u
OVLD
CPI
Capacity
inaccurate
count register
09h
Read
CPI7
CPI6
CPI5
CPI4
CPI3
CPI2
CPI1
CPI0
OCTL
Output con-
trol register
0ah
Write
1
OC5
OC4
OC3
OC2
OC1
n/u
OCE
FULCNT
Full count
register
0bh
Read
FUL7
FUL6
FUL5
FUL4
FUL3
FUL2
FUL1
FUL0
RST
Reset register
39h
Write
RST
0
0
0000
0
Note:
n/u = not used
Table 4. bq2011 Command and Status Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com