Electronic Components Datasheet Search
  English  ▼

X  

BQ2011 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2011
Description  Gas Gauge IC for High Discharge Rates
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2011 Datasheet(HTML) 14 Page - Texas Instruments

Back Button BQ2011 Datasheet HTML 10Page - Texas Instruments BQ2011 Datasheet HTML 11Page - Texas Instruments BQ2011 Datasheet HTML 12Page - Texas Instruments BQ2011 Datasheet HTML 13Page - Texas Instruments BQ2011 Datasheet HTML 14Page - Texas Instruments BQ2011 Datasheet HTML 15Page - Texas Instruments BQ2011 Datasheet HTML 16Page - Texas Instruments BQ2011 Datasheet HTML 17Page - Texas Instruments BQ2011 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Full Count Register (FULCNT)
The read-only FULCNT register (address=0bh) provides
the system with a diagnostic of the number of times the
battery has been fully charged (NAC = LMD).
The
number of full occurrences can be determined by multiply-
ing the value in the FULCNT register by 16. Any dis-
charge action other than self-discharge allows detection of
another full occurrence during the next valid charge ac-
tion.
Capacity Inaccurate Count Register (CPI)
The read-only CPI register (address=09h) is used to in-
dicate the number of times a battery has been charged
without an LMD update. Because the capacity of a re-
chargeable battery varies with age and operating condi-
tions, the bq2011 adapts to the changing capacity over
time.
A complete discharge from full (NAC=LMD) to
empty (EDV=1) is required to perform an LMD update
assuming there have been no intervening valid charges,
the temperature is greater than or equal to 0°C, and the
self-discharge counter is less than 4096 counts.
The CPI register is incremented every time a valid
charge is detected. The register increments to 255 with-
out rolling over. When the contents of CPI are incre-
mented to 64, the capacity inaccurate flag, CI, is as-
serted in the FLGS1 register. CPI is reset whenever an
update of the LMD register is performed, and the CI flag
is also cleared.
Output Control Register (OCTL)
The write-only OCTL register (address=0ah) provides
the system with a means to check the display connec-
tions for the bq2011. The segment drivers may be over-
written by data from OCTL when the least-significant
bit of OCTL, OCE, is set. The data in bits OC5–1 of the
OCTL register (see Table 4 on page 10 for details) is out-
put onto the segment pins, SEG5–1, respectively if
OCE=1.
Whenever OCE is written to 1, the MSB of
OCTL should be set to a 1. The OCE register location
must be cleared to return the bq2011 to normal opera-
tion. OCE may be cleared by either writing the bit to a
logic zero via the serial port or by resetting the bq2011
as explained below. Note: Whenever the OCTL register is
written, the MSB of OCTL should be written to a logic one.
Reset Register (RST)
The reset register (address=39h) provides the means to
perform a software-controlled reset of the device. A full
device reset may be accomplished by first writing LMD
(address = 05h) to 00h and then writing the RST regis-
ter contents from 00h to 80h. Setting any bit other than
the most-significant bit of the RST register is not al-
lowed, and results in improper operation of the bq2011.
Resetting the bq2011 sets the following:
n
LMD = PFC
n
CPI, VDQ, NAC, and OCE = 0 or
NAC = LMD when SEG5 = L
n
CI and BRP = 1
Display
The bq2011 can directly display capacity information
using low-power LEDs. If LEDs are used, the segment
pins should be tied to VCC, the battery, or the MODE pin
for programming the bq2011.
The bq2011 displays the battery charge state in either
absolute or relative mode. In relative mode, the battery
charge is represented as a percentage of the LMD. Each
LED segment represents 20% of the LMD.
In absolute mode, each segment represents a fixed
amount of charge, based on the initial PFC. In absolute
mode, each segment represents 20% of the PFC. As the
battery wears out over time, it is possible for the LMD
to be below the initial PFC. In this case, all of the LEDs
may not turn on, representing the reduction in the ac-
tual battery capacity.
The capacity display is also adjusted for the present bat-
tery temperature. The temperature adjustment reflects
the available capacity at a given temperature but does
not affect the NAC register. The temperature adjust-
ments are detailed in the TMPGG register description.
When DISP is tied to VCC, the SEG1–5 outputs are inac-
tive. When DISP is left floating, the display becomes ac-
tive during charge if the NAC registers are counting at a
rate equivalent to VSRO < -1mV or fast discharge if the
NAC registers are counting at a rate equivalent to VSRO
> 2mV. When pulled low, the segment output becomes
active for 4 seconds,
±0.5 seconds.
The segment outputs are modulated as two banks, with
segments 1, 3, and 5 alternating with segments 2 and 4.
The segment outputs are modulated at approximately
320Hz, with each bank active for 30% of the period.
SEG1 blinks at a 4Hz rate whenever VSB has been de-
tected to be below VEDV to indicate a low-battery condi-
tion or NAC is less than 10% of the LMD or PFC, de-
pending on the display mode.
Microregulator
The bq2011 can operate directly from 4 cells. To facilitate
the power supply requirements of the bq2011, an REF out-
put is provided to regulate an external low-threshold n-
FET. A micropower source for the bq2011 can be inexpen-
sively built using the FET and an external resistor.
14
bq2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com