Electronic Components Datasheet Search
  English  ▼

X  

LTC4008 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4008
Description  4A, High Efficiency, Multi-Chemistry Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4008 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4008 Datasheet HTML 5Page - Linear Technology LTC4008 Datasheet HTML 6Page - Linear Technology LTC4008 Datasheet HTML 7Page - Linear Technology LTC4008 Datasheet HTML 8Page - Linear Technology LTC4008 Datasheet HTML 9Page - Linear Technology LTC4008 Datasheet HTML 10Page - Linear Technology LTC4008 Datasheet HTML 11Page - Linear Technology LTC4008 Datasheet HTML 12Page - Linear Technology LTC4008 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
LTC4008
4008fa
OPERATIO
Input FET (LTC4008)
The input FET circuit performs two functions. It enables
the charger if the input voltage is higher than the CLP pin
and provides the logic indicator of AC present on the
ACP/SHDN pin. It controls the gate of the input FET to keep
a low forward voltage drop when charging and also
prevents reverse current flow through the input FET.
If the input voltage is less than VCLP, it must go at least
170mV higher than VCLN to activate the charger. When this
occurs the ACP/SHDN pin is released and pulled up with
an external load to indicate that the adapter is present. The
gate of the input FET is driven to a voltage sufficient to keep
a low forward voltage drop from drain to source. If the
voltage between DCIN and CLP drops to less than 25mV,
the input FET is turned off slowly. If the voltage between
DCIN and CLP is ever less than – 25mV, then the input FET
is turned off in less than 10
µs to prevent significant
reverse current from flowing in the input FET. In this
condition, the ACP/SHDN pin is driven low and the charger
is disabled.
Input FET (LTC4008-1)
The input FET circuit is disabled for the LTC4008-1. There
is no low current shutdown mode when DCIN falls below
the CLP pin. The ACP/SHDN pin functions only to shut
down the charger.
Battery Charger Controller
The LTC4008 charger controller uses a constant off-time,
current mode step-down architecture. During normal op-
eration, the top MOSFET is turned on each cycle when the
oscillator sets the SR latch and turned off when the main
current comparator ICMP resets the SR latch. While the top
MOSFET is off, the bottom MOSFET is turned on until
either the inductor current trips the current comparator
IREV or the beginning of the next cycle. The oscillator uses
the equation:
t
VV
Vf
OFF
DCIN
BAT
DCIN
OSC
=
–
•
to set the bottom MOSFET on time. This activity is dia-
grammed in Figure 1.
The peak inductor current, at which ICMP resets the SR
latch, is controlled by the voltage on ITH. ITH is in turn
controlled by several loops, depending upon the situation
at hand. The average current control loop converts the
voltage between CSP and BAT to a representative current.
Error amp CA2 compares this current against the desired
current programmed by RPROG at the PROG pin and
adjusts ITH until:
V
R
VV
A
k
k
REF
PROG
CSP
BAT
=
+µ
Ω
Ω
–.
• .
.
11 67
3 01
301
therefore,
I
V
R
A
k
R
CHARGE MAX
REF
PROG
SENSE
()
–.
•
.
=µ
⎛
⎝⎜
⎞
⎠⎟
Ω
11 67
301
The voltage at BATMON is divided down by an external
resistor divider and is used by error amp EA to decrease
ITH if the divider voltage is above the 1.19V reference.
When the charging current begins to decrease, the voltage
at PROG will decrease in direct proportion. The voltage at
PROG is then given by:
VI
R
A
k
R
k
PROG
CHARGE
SENSE
PROG
=+
µ
Ω
()
Ω
•.
• .
•
.
11 67
3 01
301
The accuracy of VPROG will range from 0% to ITOL.
VPROG is plotted in Figure 2.
The amplifier CL1 monitors and limits the input current,
normally from the AC adapter to a preset level (100mV/
RCL). At input current limit, CL1 will decrease the ITH
voltage, thereby reducing charging current. The ICL indica-
tor output will go low when this condition is detected and
the FLAG indicator will be inhibited if it is not already low.
TGATE
OFF
ON
BGATE
INDUCTOR
CURRENT
tOFF
TRIP POINT SET BY ITH VOLTAGE
ON
OFF
4008 F01
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com