Electronic Components Datasheet Search
  English  ▼

X  

LTC4008 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4008
Description  4A, High Efficiency, Multi-Chemistry Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4008 Datasheet(HTML) 1 Page - Linear Technology

  LTC4008 Datasheet HTML 1Page - Linear Technology LTC4008 Datasheet HTML 2Page - Linear Technology LTC4008 Datasheet HTML 3Page - Linear Technology LTC4008 Datasheet HTML 4Page - Linear Technology LTC4008 Datasheet HTML 5Page - Linear Technology LTC4008 Datasheet HTML 6Page - Linear Technology LTC4008 Datasheet HTML 7Page - Linear Technology LTC4008 Datasheet HTML 8Page - Linear Technology LTC4008 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC4008
4008fa
TYPICAL APPLICATIO
APPLICATIO S
DESCRIPTIO
FEATURES
■ General Purpose Charger Controller
■ High Conversion Efficiency: Up to 96%
■
Output Currents Exceeding 4A
■
±0.8% Voltage Accuracy
■ AC Adapter Current Limiting Maximizes
Charge Rate*
■ Thermistor Input for Temperature Qualified Charging
■ Wide Input Voltage Range: 6V to 28V
■
Wide Output Voltage: 3V to 28V
■ 0.5V Dropout Voltage; Maximum Duty Cycle: 98%
■ Programmable Charge Current:
±4% Accuracy
■
Indicator Outputs for Charging, C/10 Current
Detection, AC Adapter Present, Input Current
Limiting and Faults
■
Charging Current Monitor Output
■ Available in a 20-Pin Narrow SSOP Package
4A, High Efficiency,
Multi-Chemistry Battery Charger
The LTC
®4008 is a constant-current/constant-voltage
charger controller. The PWM controller uses a synchro-
nous, quasi-constant frequency, constant off-time archi-
tecture that will not generate audible noise even when
using ceramic capacitors. Charging current is program-
mable with a sense resistor and programming resistor to
±4% typical accuracy. Charging current can be monitored
as a voltage across the programming resistor. An external
resistor divider and precision internal reference set the
final float voltage.
The LTC4008 includes a thermistor sensor input that will
suspend charging if an unsafe temperature condition is
detected and will automatically resume charging when
battery temperature returns to within safe limits; a FAULT
pin indicates this condition. A FLAG pin indicates when
charging current has decreased below 10% of the pro-
grammed current. An external sense resistor programs
AC adapter current limiting. The ICL pin indicates when the
charging current is being reduced by input current limiting
so that the charging algorithm can adapt.
■ Notebook Computers
■ Portable Instruments
■ Battery Backup Systems
12.3V, 4A Li-Ion Charger
BATMON
VFB
ICL
ACP/SHDN
FAULT
FLAG
NTC
RT
ITH
GND
ICL
ACP
FAULT
FLAG
DCIN
INFET
CLP
CLN
TGATE
BGATE
PGND
CSP
BAT
PROG
LTC4008
32.4k
0.47
µF
THERMISTOR
10k
NTC
0.12
µF
100k
100k
140k*
15k*
6.04k
150k
VLOGIC
DCIN
0V TO 28V
0.1
µF
INPUT SWITCH
0.1
µF
Q1
Q2
20
µF
10
µH
4.99k
3.01k
3.01k
0.025
Ω
0.02
Ω
20
µF
SYSTEM
LOAD
Li-Ion
BATTERY
CHARGING
CURRENT
MONITOR
26.7k
Q1: Si4431BDY
Q2: FDC645N
0.0047
µF
4008 TA01
NOTE: * 0.25% TOLERANCE
ALL OTHER RESISTORS ARE 1% TOLERANCE
*Protected by U.S. Patents including 5723970
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC4008

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4008 LINER-LTC4008 Datasheet
371Kb / 48P
Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
LTC4008 LINER-LTC4008 Datasheet
332Kb / 24P
Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
LTC4008 LINER-LTC4008 Datasheet
379Kb / 32P
High Efficiency Synchronous Step-Down Switching Regulator
LTC4008 LINER-LTC4008_15 Datasheet
232Kb / 24P
4A, High Effi ciency, Multi-Chemistry Battery Charger
More results

Similar Description - LTC4008

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4008 LINER-LTC4008_15 Datasheet
232Kb / 24P
4A, High Effi ciency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
High Efficiency, Multi-Chemistry Battery Charger
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
High Efficiency, Multi-Chemistry Battery Charger
LTC4012 LINER-LTC4012_15 Datasheet
391Kb / 28P
High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-1 LINER-LTC4012-1_15 Datasheet
391Kb / 28P
High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-3 LINER-LTC4012-3_15 Datasheet
379Kb / 28P
High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
logo
Shanghai Consonance Ele...
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
Multi-Chemistry Battery Charger
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com