Electronic Components Datasheet Search
  English  ▼

X  

LTC4008 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4008
Description  4A, High Efficiency, Multi-Chemistry Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4008 Datasheet(HTML) 5 Page - Linear Technology

  LTC4008 Datasheet HTML 1Page - Linear Technology LTC4008 Datasheet HTML 2Page - Linear Technology LTC4008 Datasheet HTML 3Page - Linear Technology LTC4008 Datasheet HTML 4Page - Linear Technology LTC4008 Datasheet HTML 5Page - Linear Technology LTC4008 Datasheet HTML 6Page - Linear Technology LTC4008 Datasheet HTML 7Page - Linear Technology LTC4008 Datasheet HTML 8Page - Linear Technology LTC4008 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC4008
4008fa
VOUT vs IOUT
PWM Frequency vs Duty Cycle
Disconnect/Reconnect Battery
(Load Dump)
Battery Leakage Current vs
Battery Voltage
DUTY CYCLE (VOUT/VIN)
0
0.1 0.2
0.4
0.6
0.9
0.8
0.3
0.5
0.7
1.0
4008 G05
PROGRAMMED CURRENT = 10%
DCIN = 15V
DCIN = 20V
DCIN = 24V
350
300
250
200
150
100
50
0
OUTPUT CURRENT (A)
0
0.5 1.0
2.0
3.0
4.0
1.5
2.5
3.5
4.5
4008 G04
DCIN = 20V
VBAT = 12.6V
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
–4.5
–5.0
4008 G06
LOAD CURRENT = 1A, 2A, 3A
DCIN = 20V
VFLOAT = 12.6V
VFLOAT
1V/(DIV)
LOAD
STATE
DISCONNECT
RECONNECT
1A STEP
3A STEP
3A STEP
1A STEP
BATTERY VOLTAGE (V)
0
5
10
15
20
25
30
4008 G07
40
35
30
25
20
15
10
5
0
VDCIN = 0V
TYPICAL PERFOR A CE CHARACTERISTICS (T
A = 25°C unless otherwise noted)
Efficiency at 19VDC VIN
CHARGE CURRENT (A)
1.00
0.50
1.50
2.00
2.50
3.00
4008 G09
16.8V
12.6V
100
95
90
85
80
75
Efficiency at 12.6V with 15VDC VIN
CHARGE CURRENT (A)
1.00
0.50
1.50
2.00
2.50
3.00
4008 G10
100
95
90
85
80
75
Charging Voltage Error
TEMP = 27
°C, ILOAD = 0.120A
CHARGING VOLTAGE (V)
0
0.150
0.100
0.125
0.075
0.050
0
0.025
–0.025
–0.050
–0.075
–0.100
–0.125
–0.150
16
4008 G11
4
2
6
10
14
18
8
12
22
20
DCIN = 15V
DCIN = 20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com