Electronic Components Datasheet Search
  English  ▼

X  

LTC4008 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4008
Description  4A, High Efficiency, Multi-Chemistry Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4008 Datasheet(HTML) 4 Page - Linear Technology

  LTC4008 Datasheet HTML 1Page - Linear Technology LTC4008 Datasheet HTML 2Page - Linear Technology LTC4008 Datasheet HTML 3Page - Linear Technology LTC4008 Datasheet HTML 4Page - Linear Technology LTC4008 Datasheet HTML 5Page - Linear Technology LTC4008 Datasheet HTML 6Page - Linear Technology LTC4008 Datasheet HTML 7Page - Linear Technology LTC4008 Datasheet HTML 8Page - Linear Technology LTC4008 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC4008
4008fa
TYPICAL PERFOR A CE CHARACTERISTICS
INFET Response Time to
Reverse Current
VFB vs DCIN
BATMON Offset
TEST PERFORMED ON DEMOBOARD
VIN = 15VDC
CHARGER = ON
ICHARGE = <10mA
Vs OF PFET (5V/DIV)
Id (REVERSE) OF
PFET (5A/DIV)
Vgs OF PFET (2V/DIV)
4008 G01
VCHARGE = 12.6V
INFET = 1/2 Si4925DY
Vgs = 0
Vs = 0V
Id = 0A
1.25
µs/DIV
DCIN (V)
6
11162126
4008 G02
0.05
0
–0.05
–0.10
–0.15
–0.20
BATTERY VOLTAGE (V)
3
8
13
18
23
4008 G03
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
DCIN = 15V
DCIN = 20V
DCIN = 24V
BATMON LOAD = 100k
Ω
The
● denotes specifications which apply over the full operating
temperature range (Note 4), otherwise specifications are at TA = 25°C. VDCIN = 20V, VBAT = 12V unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: See Test Circuit.
Note 3: Does not include tolerance of current sense resistor or current
programming resistor.
Note 4: The LTC4008E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 5: Voltage accuracy includes BATMON error and voltage reference
error. Does not include error of external resistor divider.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator
fOSC
Regulator Switching Frequency
255
300
345
kHz
fMIN
Regulator Switching Frequency in Drop Out
Duty Cycle
≥ 98%
20
25
kHz
DCMAX
Regulator Maximum Duty Cycle
VCSP = VBAT
98
99
%
Gate Drivers (TGATE, BGATE)
VTGATE High (VCLP – VTGATE)ITGATE = –1mA
50
mV
VBGATE High
CLOAD = 3000pF
5.6
10
V
VTGATE Low (VCLP – VTGATE)CLOAD = 3000pF
5.6
10
V
VBGATE Low
IBGATE = 1mA
50
mV
TGATE Transition Time
TGTR
TGATE Rise Time
CLOAD = 3000pF, 10% to 90%
50
110
ns
TGTF
TGATE Fall Time
CLOAD = 3000pF, 10% to 90%
50
100
ns
BGATE Transition Time
BGTR
BGATE Rise Time
CLOAD = 3000pF, 10% to 90%
40
90
ns
BGTF
BGATE Fall Time
CLOAD = 3000pF, 10% to 90%
40
80
ns
VTGATE at Shutdown (VCLP – VTGATE)ITGATE = –1µA, DCIN = 0V, CLP = 12V
100
mV
VBGATE at Shutdown
IBGATE = 1µA, DCIN = 0V, CLP = 12V
100
mV
(TA = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com