Electronic Components Datasheet Search
  English  ▼

X  

LTC4008 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4008
Description  4A, High Efficiency, Multi-Chemistry Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4008 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4008 Datasheet HTML 16Page - Linear Technology LTC4008 Datasheet HTML 17Page - Linear Technology LTC4008 Datasheet HTML 18Page - Linear Technology LTC4008 Datasheet HTML 19Page - Linear Technology LTC4008 Datasheet HTML 20Page - Linear Technology LTC4008 Datasheet HTML 21Page - Linear Technology LTC4008 Datasheet HTML 22Page - Linear Technology LTC4008 Datasheet HTML 23Page - Linear Technology LTC4008 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LTC4008
4008fa
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT
®1511
3A Constant-Current/Constant-Voltage Battery Charger
High Efficiency, Minimum External Components to Fast Charge Lithium,
NIMH and NiCd Batteries
LT1513
Sepic Constant- or Programmable- Current/Constant-
Charger Input Voltage May be Higher, Equal to or Lower Than Battery Voltage,
Voltage Battery Charger
500kHz Switching Frequency
LT1571
1.5A Switching Charger
1- or 2-Cell Li-Ion, 500kHz or 200kHz Switching Frequency, Termination Flag
LTC1628-PG
2-Phase, Dual Synchronous Step-Down Controller
Minimizes CIN and COUT, Power Good Output, 3.5V ≤ VIN ≤ 36V
LTC1709
2-Phase, Dual Synchronous Step-Down Controller
Up to 42A Output, Minimum CIN and COUT, Uses Smallest Components for
Family
with VID
Intel and AMD Processors
LTC1729
Li-Ion Battery Charger Termination Controller
Trickle Charge Preconditioning, Temperature Charge Qualification, Time or
Charge Current Termination, Automatic Charger and Battery Detection, and
Status Output
LT1769
2A Switching Battery Charger
Constant-Current/Constant-Voltage Switching Regulator, Input Current
Limiting Maximizes Charge Current
LTC1778
Wide Operating Range, No RSENSE
TM Synchronous
2% to 90% Duty Cycle at 200kHz, Stable with Ceramic COUT
Step-Down Controller
LTC1960
Dual Battery Charger/Selector with SPI Interface
Simultaneous Charge or Discharge of Two Batteries, DAC Programmable
Current and Voltage, Input Current Limiting Maximizes Charge Current
LTC3711
No RSENSE Synchronous Step-Down Controller
3.5V
≤ VIN ≤ 36V, 0.925V ≤ VOUT ≤ 2V, for Transmeta, AMD and Intel
with VID
Mobile Processors
LTC4006
Small, High Efficiency, Fixed Voltage, Lithium-Ion
Complete Charger for 3- or 4-Cell Li-Ion Batteries, AC Adapter Current Limit
Battery Charger with Termination
and Thermistor Sensor, 16-Pin Narrow SSOP Package
LTC4007
High Efficiency, Programmable Voltage
Complete Charger for 3- or 4-Cell Li-Ion Batteries, AC Adapter Current Limit,
Battery Charger with Termination
Thermistor Sensor and Indicator Outputs
LTC4100
Smart Battery Charger Controller
SMBus Rev 1.1 Compliant
No RSENSE is a trademark of Linear Technology Corporation.
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2003
LT/LT 0805 REV A • PRINTED IN USA
TYPICAL APPLICATIO
BATMON
VFB
ICL
ACP/SHDN
FAULT
FLAG
NTC
RT
ITH
GND
ICL
ACP
FAULT
FLAG
DCIN
INFET
CLP
CLN
TGATE
BGATE
PGND
CSP
BAT
PROG
LTC4008
R7
6.04k
1%
R9
13.3k
0.25%
RT
150k
C6
0.12
µF
THERMISTOR
10k
NTC
C7
0.47
µF
R12
100k
R8
147k
0.25%
R10 32.4k 1%
R11
100k
VLOGIC
DCIN
0V TO 20V
C1
0.1
µF
Q3
INPUT SWITCH
C4
0.1
µF
Q1
Q2
D1
C2
20
µF
L1
10
µH
R1 4.99k 1%
R4 3.01k 1%
R5 3.01k 1%
RSENSE
0.025
Ω
1%
RCL
0.02
Ω
1%
C3
20
µF
NiMH
BATTERY
PACK
CHARGING
CURRENT
MONITOR
SYSTEM
LOAD
R6
26.7k
1%
C5
0.0047
µF
D1: MBRS130T3
Q1: Si4431BDY
Q2: FDC645N
4008 TA02
NiMH/4A Battery Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com