Electronic Components Datasheet Search
  English  ▼

X  

LTC4008 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4008
Description  4A, High Efficiency, Multi-Chemistry Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4008 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4008 Datasheet HTML 8Page - Linear Technology LTC4008 Datasheet HTML 9Page - Linear Technology LTC4008 Datasheet HTML 10Page - Linear Technology LTC4008 Datasheet HTML 11Page - Linear Technology LTC4008 Datasheet HTML 12Page - Linear Technology LTC4008 Datasheet HTML 13Page - Linear Technology LTC4008 Datasheet HTML 14Page - Linear Technology LTC4008 Datasheet HTML 15Page - Linear Technology LTC4008 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
LTC4008
4008fa
APPLICATIO S I FOR ATIO
RZ
102k
CPROG
4008 F05
LTC4008
PROG
Q1
2N7002
RPROG
0V
5V
10
Figure 5. PWM Current Programming
Charger Current Programming
The basic formula for charging current is:
I
Vk
R
V
R
CHARGE MAX
REF
PROG
SENSE
()
•.
/
– .
=
Ω
3 01
0 035
VREF = 1.19V. This leaves two degrees of freedom: RSENSE
and RPROG. The 3.01k input resistors must not be altered
since internal currents and voltages are trimmed for this
value. Pick RSENSE by setting the average voltage between
CSP and BAT to be close to 100mV during maximum
charger current. Then RPROG can be determined by solving
the above equation for RPROG.
R
Vk
RI
V
PROG
REF
SENSE
CHARGE MAX
=
Ω
+
•.
•.
()
301
0 035
Table 2. Recommended RSNS and RPROG Resistor Values
IMAX (A)
RSENSE (Ω) 1%
RSENSE (W)
RPROG (kΩ) 1%
1.0
0.100
0.25
26.7
2.0
0.050
0.25
26.7
3.0
0.033
0.5
26.7
4.0
0.025
0.5
26.7
Charging current can be programmed by pulse width
modulating RPROG with a switch Q1 to RPROG at a fre-
quency higher than a few kHz (Figure 5). CPROG must be
increased to reduce the ripple caused by the RPROG
switching. The compensation capacitor at ITH will prob-
ably need to be increased also to improve stability and
prevent large overshoot currents during start-up condi-
tions. Charging current will be proportional to the duty
cycle of the switch with full current at 100% duty cycle and
zero current when Q1 is off.
Maintaining C/10 Accuracy
The C/10 comparator threshold that drives the FLAG pin
has a fixed threshold of approximately VPROG = 400mV.
This threshold works well when RPROG is 26.7k, but will
not yield a 10% charging current indication if RPROG is a
different value. There are situations where a standard
value of RSENSE will not allow the desired value of charging
current when using the preferred RPROG value. In these
cases, where the full-scale voltage across RSENSE is within
±20mV of the 100mV full-scale target, the input resistors
connected to CSP and BAT can be adjusted to provide the
desired maximum programming current as well as the
correct FLAG trip point.
For example, the desired max charging current is 2.5A but
the best RSENSE value is 0.033Ω. In this case, the voltage
across RSENSE at maximum charging current is only
82.5mV, normally RPROG would be 30.1k but the nominal
FLAG trip point is only 5% of maximum charging current.
If the input resistors are reduced by the same amount as
the full-scale voltage is reduced then, R4 = R5 = 2.49k and
RPROG = 26.7k, the maximum charging current is still 2.5A
but the FLAG trip point is maintained at 10% of full scale.
There are other effects to consider. The voltage across the
current comparator is scaled to obtain the same values as
the 100mV sense voltage target, but the input referred
sense voltage is reduced, causing some careful consider-
ation of the ripple current. Input referred maximum com-
parator threshold is 117mV, which is the same ratio of
1.4x the DC target. Input referred IREV threshold is scaled
back to –24mV. The current at which the switcher starts
will be reduced as well so there is some risk of boost
activity. These concerns can be addressed by using a
slightly larger inductor to compensate for the reduction of
tolerance to ripple current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com