Electronic Components Datasheet Search
  English  ▼

X  

LTC4008 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4008
Description  4A, High Efficiency, Multi-Chemistry Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4008 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4008 Datasheet HTML 12Page - Linear Technology LTC4008 Datasheet HTML 13Page - Linear Technology LTC4008 Datasheet HTML 14Page - Linear Technology LTC4008 Datasheet HTML 15Page - Linear Technology LTC4008 Datasheet HTML 16Page - Linear Technology LTC4008 Datasheet HTML 17Page - Linear Technology LTC4008 Datasheet HTML 18Page - Linear Technology LTC4008 Datasheet HTML 19Page - Linear Technology LTC4008 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
LTC4008
4008fa
APPLICATIO S I FOR ATIO
control is used, with closed-loop feedback ensuring that
adapter load current remains within limits. Amplifier CL1
in Figure 7 senses the voltage across RCL, connected
between the CLP and CLN pins. When this voltage exceeds
100mV, the amplifier will override programmed charging
current to limit adapter current to 100mV/RCL. A lowpass
filter formed by 5k
Ω and 15nF is required to eliminate
switching noise. If the current limit is not used, CLN
should be connected to CLP.
Note that the ICL pin will be asserted when the voltage
across RCL is 93mV, before the adapter limit regulation
threshold.
Table 5. Common RCL Resistor Values
ADAPTER
RCL VALUE*
RCL POWER
RCL POWER
RATING (A)
(
Ω) 1%
DISSIPATION (W)
RATING (W)
1.5
0.06
0.135
0.25
1.8
0.05
0.162
0.25
2
0.045
0.18
0.25
2.3
0.039
0.206
0.25
2.5
0.036
0.225
0.5
2.7
0.033
0.241
0.5
3
0.03
0.27
0.5
* Values shown above are rounded to nearest standard value.
As is often the case, the wall adapter will usually have at
least a +10% current limit margin and many times one can
simply set the adapter current limit value to the actual
adapter rating (see Table 5).
Designing the Thermistor Network
There are several networks that will yield the desired
function of voltage vs temperature needed for proper
operation of the thermistor. The simplest of these is the
voltage divider shown in Figure 8. Unfortunately, since the
HIGH/LOW comparator thresholds are fixed internally,
there is only one thermistor type that can be used in this
network; the thermistor must have a HIGH/LOW resis-
tance ratio of 1:7. If this happy circumstance is true for
you, then simply set R9 = RTH(LOW)
–
+
CLP
15nF
5k
RCL*
VIN
LTC4008
16
CLN
100mV
15
4008 F07
CIN
TO
SYSTEM
LOAD
CL1
*RCL =
100mV
ADAPTER CURRENT LIMIT
+
Figure 7. Adapter Current Limiting
Setting Input Current Limit
To set the input current limit, you need to know the
minimum wall adapter current rating. Subtract 7% for the
input current limit tolerance and use that current to deter-
mine the resistor value.
RCL = 100mV/ILIM
ILIM = Adapter Min Current –
(Adapter Min Current • 7%)
LTC4008
NTC
R9
C7
RTH
4008 F08
8
Figure 8. Voltage Divider Thermistor Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com