Electronic Components Datasheet Search
  English  ▼

X  

LTC4008 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4008
Description  4A, High Efficiency, Multi-Chemistry Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4008 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4008 Datasheet HTML 7Page - Linear Technology LTC4008 Datasheet HTML 8Page - Linear Technology LTC4008 Datasheet HTML 9Page - Linear Technology LTC4008 Datasheet HTML 10Page - Linear Technology LTC4008 Datasheet HTML 11Page - Linear Technology LTC4008 Datasheet HTML 12Page - Linear Technology LTC4008 Datasheet HTML 13Page - Linear Technology LTC4008 Datasheet HTML 14Page - Linear Technology LTC4008 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LTC4008
4008fa
OPERATIO
CLK
(NOT TO
SCALE)
VNTC
tSAMPLE
VOLTAGE ACROSS THERMISTOR
tHOLD
4008 F04
COMPARATOR HIGH LIMIT
COMPARATOR LOW LIMIT
Figure 4
The thermistor detector performs a sample-and-hold func-
tion. An internal clock, whose frequency is determined by
the timing resistor connected to RT, keeps switch S1
closed to sample the thermistor:
tSAMPLE = 127.5 • 20 • RRT • 17.5pF = 6.7ms,
for RRT = 150k
The external RC network is driven to approximately 4.5V
and settles to a final value across the thermistor of:
V
VR
RR
RTH FINAL
TH
TH
()
.•
=
+
45
10
This voltage is stored by C7. Then the switch is opened for
a short period of time to read the voltage across the
thermistor.
tHOLD = 10 • RRT • 17.5pF = 26µs,
for RRT = 150k
When the tHOLD interval ends the result of the thermistor
testing is stored in the D flip-flop (DFF). If the voltage at
NTC is within the limits provided by the resistor divider
feeding the comparators, then the NOR gate output will be
low and the DFF will set TBAD to zero and charging will
continue. If the voltage at NTC is outside of the resistor
divider limits, then the DFF will set TBAD to one, the charger
will be shut down, FAULT pin is set low and the timer will
be suspended until TBAD returns to zero (see Figure 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com