Electronic Components Datasheet Search
  English  ▼

X  

PCI1420 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1420
Description  PC Card Controllers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1420 Datasheet(HTML) 43 Page - Texas Instruments

Back Button PCI1420 Datasheet HTML 39Page - Texas Instruments PCI1420 Datasheet HTML 40Page - Texas Instruments PCI1420 Datasheet HTML 41Page - Texas Instruments PCI1420 Datasheet HTML 42Page - Texas Instruments PCI1420 Datasheet HTML 43Page - Texas Instruments PCI1420 Datasheet HTML 44Page - Texas Instruments PCI1420 Datasheet HTML 45Page - Texas Instruments PCI1420 Datasheet HTML 46Page - Texas Instruments PCI1420 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 137 page
background image
3–13
Sb6
b4
b5
b3 b2 b1 b0
0
b7 b6 b5 b4 b3
b2 b1 b0
AA
Slave Address
Word Address
R/W
S/P = Start/stop condition
A = Slave acknowledgement
b7 b6
b4
b5
b3 b2 b1 b0
A
P
Data Byte
Figure 3–12. Serial Bus Protocol – Byte Write
Figure 3–13 illustrates a byte read. The read protocol is very similar to the write protocol except the R/W command
bit must be set to 1 to indicate a read-data transfer. In addition, the PCI1420 master must acknowledge reception
of the read bytes from the slave transmitter. The slave transmitter drives the SDA signal during read data transfers.
The SCL signal remains driven by the PCI1420 master.
Sb6
b4
b5
b3 b2 b1 b0
1
b7 b6 b5 b4 b3
b2 b1 b0
AA
Slave Address
Word Address
R/W
S/P = Start/stop condition
A = Slave acknowledgement
b7 b6
b4
b5
b3 b2 b1 b0
M
P
Data Byte
Figure 3–13. Serial Bus Protocol – Byte Read
Figure 3–14 illustrates EEPROM interface doubleword data collection protocol.
S1
1
0
0
0
0
0
0
b7 b6 b5 b4 b3
b2 b1 b0
AA
Slave Address
Word Address
R/W
Data Byte 2
Data Byte 1
Data Byte 0
M
P
M
M
M = Master acknowledgement
S/P = Start/stop condition
A = Slave acknowledgement
Data Byte 3
M
S1
1
0
0
0
001
A
Restart
R/W
Slave Address
Start
Figure 3–14. EEPROM Interface Doubleword Data Collection
3.6.3
Serial Bus EEPROM Application
When the PCI bus is reset and the serial bus interface is detected, the PCI1420 attempts to read the subsystem
identification and other register defaults from a serial EEPROM. The registers and corresponding bits that may be
loaded with defaults through the EEPROM are provided in Table 3–7.
Table 3–7. Registers and Bits Loadable Through Serial EEPROM
OFFSET
REFERENCE
PCI OFFSET
REGISTER
BITS LOADED FROM EEPROM
01h
40h
Subsystem ID
31–0
02h
80h
System control
31–29, 27, 26, 24, 15, 14, 6–3, 1
03h
8Ch
Multifunction routing
27–0
04h
90h
Retry status, card control, device control, diagnostic
31, 28–24, 22, 19–16, 15, 13, 7, 6
Figure 3–15 details the EEPROM data format. This format must be followed for the PCI1420 to properly load
initializations from a serial EEPROM. Any undefined condition results in a terminated load and sets the ROM_ERR
bit in the serial bus control and status register (see Section 4.50).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com