Electronic Components Datasheet Search
  English  ▼

X  

PCI1420 Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1420
Description  PC Card Controllers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1420 Datasheet(HTML) 93 Page - Texas Instruments

Back Button PCI1420 Datasheet HTML 89Page - Texas Instruments PCI1420 Datasheet HTML 90Page - Texas Instruments PCI1420 Datasheet HTML 91Page - Texas Instruments PCI1420 Datasheet HTML 92Page - Texas Instruments PCI1420 Datasheet HTML 93Page - Texas Instruments PCI1420 Datasheet HTML 94Page - Texas Instruments PCI1420 Datasheet HTML 95Page - Texas Instruments PCI1420 Datasheet HTML 96Page - Texas Instruments PCI1420 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 137 page
background image
5–1
5 ExCA Compatibility Registers (Functions 0 and 1)
The ExCA registers implemented in the PCI1420 are register-compatible with the Intel 82365SL–DF PCMCIA
controller. ExCA registers are identified by an offset value that is compatible with the legacy I/O index/data scheme
used on the Intel 82365 ISA controller. The ExCA registers are accessed through this scheme by writing the register
offset value into the index register (I/O base) and reading or writing the data register (I/O base + 1). The I/O base
address used in the index/data scheme is programmed in the PC Card 16-bit I/F legacy mode base address register
(see Section 4.28), which is shared by both card sockets. The offsets from this base address run contiguous from
00h to 3Fh for socket A, and from 40h to 7Fh for socket B. See Figure 5–1 for an ExCA I/O mapping illustration.
CardBus Socket/ExCA Base Address
16-Bit Legacy-Mode Base Address
10h
44h
00h
3Fh
Offset
Index
Host I/O Space
Data
PC Card A
ExCA
Registers
PC Card B
ExCA
Registers
40h
7Fh
NOTE: The 16-bit legacy mode base address register is shared by functions 0 and 1 as indicated by the shading.
PCI1420 Configuration Registers
Offset
Figure 5–1. ExCA Register Access Through I/O
The TI PCI1420 also provides a memory mapped alias of the ExCA registers by directly mapping them into PCI
memory space. They are located through the CardBus socket registers/ExCA base address register (see
Section 4.12) at memory offset 800h. Each socket has a separate base address programmable by function. See
Figure 5–2 for an ExCA memory mapping illustration. Note that memory offsets are 800h–844h for both functions
0 and 1. This illustration also identifies the CardBus socket register mapping, which is mapped into the same 4K
window at memory offset 0h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com