Electronic Components Datasheet Search
  English  ▼

X  

PCI1420 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1420
Description  PC Card Controllers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1420 Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCI1420 Datasheet HTML 45Page - Texas Instruments PCI1420 Datasheet HTML 46Page - Texas Instruments PCI1420 Datasheet HTML 47Page - Texas Instruments PCI1420 Datasheet HTML 48Page - Texas Instruments PCI1420 Datasheet HTML 49Page - Texas Instruments PCI1420 Datasheet HTML 50Page - Texas Instruments PCI1420 Datasheet HTML 51Page - Texas Instruments PCI1420 Datasheet HTML 52Page - Texas Instruments PCI1420 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 137 page
background image
3–19
Table 3–11. Interrupt Pin Register Cross Reference
INTERRUPT SIGNALING MODE
INTRTIE
BIT
INTPIN
FUNCTION 0
INTPIN
FUNCTION 1
Parallel PCI interrupts only
0
0x01 (INTA)
0x02 (INTB)
Parallel IRQ and parallel PCI interrupts
0
0x01 (INTA)
0x02 (INTB)
IRQ serialized (IRQSER) and parallel PCI interrupts
0
0x01 (INTA)
0x02 (INTB)
IRQ and PCI serialized (IRQSER) interrupts (default)
0
0x01 (INTA)
0x02 (INTB)
Parallel PCI interrupts only
1
0x01 (INTA)
0x01 (INTA)
Parallel IRQ and parallel PCI interrupts
1
0x01 (INTA)
0x01 (INTA)
IRQ serialized (IRQSER) and parallel PCI interrupts
1
0x01 (INTA)
0x01 (INTA)
IRQ and PCI serialized (IRQSER) interrupts
1
0x01 (INTA)
0x01 (INTA)
3.7.5
Using Serialized IRQSER Interrupts
The serialized interrupt protocol implemented in the PCI1420 uses a single terminal to communicate all interrupt
status information to the host controller. The protocol defines a serial packet consisting of a start cycle, multiple
interrupt indication cycles, and a stop cycle. All data in the packet is synchronous with the PCI clock. The packet data
describes 16 parallel ISA IRQ signals and the optional 4 PCI interrupts INTA, INTB, INTC, and INTD. For details on
the IRQSER protocol refer to the document
Serialized IRQ Support for PCI Systems.
3.7.6
SMI Support in the PCI1420
The PCI1420 provides a mechanism for interrupting the system when power changes have been made to the PC
Card socket interfaces. The interrupt mechanism is designed to fit into a system maintenance interrupt (SMI) scheme.
SMI interrupts are generated by the PCI1420, when enabled, after a write cycle to either the socket control register
(see Section 6.5) of the CardBus register set or the ExCA power control register (see Section 5.3) causes a power
cycle change sequence sent on the power switch interface.
The SMI control is programmed through three bits in the system control register (see Section 4.29). These bits are
SMIROUTE (bit 26), SMISTATUS (bit 25), and SMIENB (bit 24). Table 3–12 describes the SMI control bits function.
Table 3–12. SMI Control
BIT NAME
FUNCTION
SMIROUTE
This shared bit controls whether the SMI interrupts are sent as a CSC interrupt or as IRQ2.
SMISTAT
This socket dependent bit is set when an SMI interrupt is pending. This status flag is cleared by writing back a 1.
SMIENB
When set, SMI interrupt generation is enabled. This bit is shared by functions 0 and 1.
If CSC SMI interrupts are selected, then the SMI interrupt is sent as the CSC on a per socket basis. The CSC interrupt
can be either level or edge mode, depending upon the CSCMODE bit in the ExCA global control register (see
Section 5.22).
If IRQ2 is selected by SMIROUTE, then the IRQSER signaling protocol supports SMI signaling in the IRQ2 IRQ/Data
slot. In a parallel ISA IRQ system, the support for an active low IRQ2 is provided only if IRQ2 is routed to either
MFUNC3 or MFUNC6 through the multifunction routing register (see Section 4.30).
3.8
Power Management Overview
In addition to the low-power CMOS technology process used for the PCI1420, various features are designed into the
device to allow implementation of popular power-saving techniques. These features and techniques are discussed
in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com