Electronic Components Datasheet Search
  English  ▼

X  

PCI1420 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1420
Description  PC Card Controllers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1420 Datasheet(HTML) 51 Page - Texas Instruments

Back Button PCI1420 Datasheet HTML 47Page - Texas Instruments PCI1420 Datasheet HTML 48Page - Texas Instruments PCI1420 Datasheet HTML 49Page - Texas Instruments PCI1420 Datasheet HTML 50Page - Texas Instruments PCI1420 Datasheet HTML 51Page - Texas Instruments PCI1420 Datasheet HTML 52Page - Texas Instruments PCI1420 Datasheet HTML 53Page - Texas Instruments PCI1420 Datasheet HTML 54Page - Texas Instruments PCI1420 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 137 page
background image
3–21
It should also be noted that asynchronous signals, such as card status change interrupts and RI_OUT, can be passed
to the host system without a PCI clock. However, if card status change interrupts are routed over the serial interrupt
stream, then the PCI clock will have to be restarted in order to pass the interrupt, because neither the internal oscillator
nor an external clock is routed to the serial interrupt state machine. Figure 3–18 is a functional implementation
diagram.
PCI1420
Core
RESET
SUSPEND
GNT
PCLK
PCLKIN
RESETIN
SUSPENDIN
Figure 3–18. Suspend Functional Implementation
Figure 3–19 is a signal diagram of the suspend function.
RESET
GNT
SUSPEND
PCLK
RESETIN
SUSPENDIN
PCLKIN
External Terminals
Internal Signals
Figure 3–19. Signal Diagram of Suspend Function
3.8.5
Requirements for Suspend Mode
The suspend mode prevents the clearing of all register contents on the assertion of reset (PRST or GRST) which
would require the reconfiguration of the PCI1420 by software. Asserting the SUSPEND signal places the controller’s
PCI outputs in a high impedance state and gates the PCLK signal internally to the controller unless a PCI transaction
is currently in process (GNT is asserted). It is important that the PCI bus not be parked on the PCI1420 when
SUSPEND is asserted because the outputs are in a high impedance state.
The GPIOs, MFUNC signals, and RI_OUT signals are all active during SUSPEND, unless they are disabled in the
appropriate PCI1420 registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com