Electronic Components Datasheet Search
  English  ▼

X  

PCI1420 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1420
Description  PC Card Controllers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1420 Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCI1420 Datasheet HTML 25Page - Texas Instruments PCI1420 Datasheet HTML 26Page - Texas Instruments PCI1420 Datasheet HTML 27Page - Texas Instruments PCI1420 Datasheet HTML 28Page - Texas Instruments PCI1420 Datasheet HTML 29Page - Texas Instruments PCI1420 Datasheet HTML 30Page - Texas Instruments PCI1420 Datasheet HTML 31Page - Texas Instruments PCI1420 Datasheet HTML 32Page - Texas Instruments PCI1420 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 137 page
background image
2–17
Table 2–14. CardBus PC Card Address and Data (Slots A and B)
TERMINAL
NUMBER
I/O
DESCRIPTION
NAME
SLOT A†
SLOT B‡
I/O
DESCRIPTION
PDV
GHK
PDV
GHK
CAD31
CAD30
CAD29
CAD28
CAD27
CAD26
CAD25
CAD24
CAD23
CAD22
CAD21
CAD20
CAD19
CAD18
CAD17
CAD16
CAD15
CAD14
CAD13
CAD12
CAD11
CAD10
CAD9
CAD8
CAD7
CAD6
CAD5
CAD4
CAD3
CAD2
CAD1
CAD0
147
145
144
142
141
133
132
131
128
126
125
123
121
119
118
103
101
102
99
100
98
97
95
93
92
89
90
87
88
84
85
83
F19
G17
G18
H15
H14
J19
K14
K15
K19
L15
L17
L19
M18
M15
N19
U15
V15
R14
W15
P14
U14
R13
W14
U13
V13
P12
R12
V12
U12
P11
R11
U11
81
79
78
77
76
67
66
65
62
60
59
57
55
54
53
37
35
36
33
34
32
30
29
27
26
23
24
20
21
18
19
17
W11
R10
U10
V10
W10
R8
W7
V7
W6
V6
U6
V5
R6
U5
W4
M6
M2
M3
L5
M1
L6
L2
L1
K5
K3
J6
K1
J2
J3
H1
J1
H2
I/O
CardBus address and data. These signals make up the multiplexed CardBus address
and data bus on the CardBus interface. During the address phase of a CardBus cycle,
CAD31–CAD0 contain a 32-bit address. During the data phase of a CardBus cycle,
CAD31–CAD0 contain data. CAD31 is the most significant bit.
CC/BE3
CC/BE2
CC/BE1
CC/BE0
130
117
104
94
K17
N18
W16
P13
63
52
39
28
P8
T1
N1
K6
I/O
CardBus bus commands and byte enables. CC/BE3–CC/BE0 are multiplexed on the
same CardBus terminals. During the address phase of a CardBus cycle,
CC/BE3–CC/BE0 define the bus command. During the data phase, this 4-bit bus is used
as byte enables. The byte enables determine which byte paths of the full 32-bit data bus
carry meaningful data. CC/BE0 applies to byte 0 (CAD7–CAD0), CC/BE1 applies to
byte 1 (CAD15–CAD8), CC/BE2 applies to byte 2 (CAD23–CAD8), and CC/BE3 applies
to byte 3 (CAD31–CAD24).
CPAR
106
R17
41
N3
I/O
CardBus parity. In all CardBus read and write cycles, the PCI1420 calculates even parity
across the CAD and CC/BE buses. As an initiator during CardBus cycles, the PCI1420
outputs CPAR with a one-CCLK delay. As a target during CardBus cycles, the calculated
parity is compared to the initiator’s parity indicator; a compare error results in a parity
error assertion.
† Terminal name for slot A is preceded with A_. For example, the full name for terminals 106 and R17 are A_CPAR.
‡ Terminal name for slot B is preceded with B_. For example, the full name for terminals 41 and N3 are B_CPAR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com