Electronic Components Datasheet Search
  English  ▼

X  

PCI4450 Datasheet(PDF) 79 Page - Texas Instruments

Part # PCI4450
Description  PC Card and OHCI Controller
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4450 Datasheet(HTML) 79 Page - Texas Instruments

Back Button PCI4450 Datasheet HTML 75Page - Texas Instruments PCI4450 Datasheet HTML 76Page - Texas Instruments PCI4450 Datasheet HTML 77Page - Texas Instruments PCI4450 Datasheet HTML 78Page - Texas Instruments PCI4450 Datasheet HTML 79Page - Texas Instruments PCI4450 Datasheet HTML 80Page - Texas Instruments PCI4450 Datasheet HTML 81Page - Texas Instruments PCI4450 Datasheet HTML 82Page - Texas Instruments PCI4450 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 197 page
background image
PCI4450 GFN/GJG
PC Card and OHCI Controller
SCPS046 – JANUARY 1999
79
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
power management control/status register
Bit
15†
14
13
12
11
10
9
8†
7
6
5
4
3
2
1
0
Name
Power management control/status
Type
R/WC
R
R
R
R
R
R
R/W
R
R
R
R
R
R
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Power management control/status
Type:
Read-only, Read/Write, Read/Write to Clear
Offset:
A4h (Functions 0, 1)
Default:
000000h
Description: This register determines and changes the current power state of the PCI4450 CardBus
function. The contents of this register are not affected by the internally generated reset
caused by the transition from the D3hot to D0 state.
All PCI registers, ExCA registers, and CardBus registers are reset as a result of a D3hot-to-D0
state transition, with the exception of the PME context bits (if PME is enabled) and the G_RST
only bits.
Table 46. Power Management Control/Status Register Description
BIT
TYPE
FUNCTION
15†
R/WC
PMESTAT. PME status. This bit is set when the CardBus function would normally assert the PME signal, independent of
the state of the PME_EN bit. This bit is cleared by a write back of 1, and this also clears the PME signal if PME was asserted
by this function. Writing a 0 to this bit has no effect.
14–13
R
DATASCALE. This 2-bit field returns 0s when read. The CardBus function does not return any dynamic data, as indicated
by the DYN_DATA bit.
12–9
R
DATASEL. Data select. This 4-bit field returns 0s when read. The CardBus function does not return any dynamic data, as
indicated by the DYN_DATA bit.
8†
R/W
PME enable. This bit enables the function to assert PME. If this bit is cleared, then assertion of PME is disabled. This bit
will not be cleared by the assertion of PRST. It will only be cleared by the assertion of G_RST.
7–2
R
Reserved. These bits return 0s when read.
1–0
R/W
PWRSTATE. Power state. This 2-bit field is used both to determine the current power state of a function and to set the
function into a new power state. This field is encoded as:
00 = D0
01 = D1
10 = D2
11 = D3hot
† This bit is cleared only by the assertion of G_RST when PME is enabled. If PME is not enabled, then this bit is cleared by the assertion of PRST
or G_RST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com