Electronic Components Datasheet Search
  English  ▼

X  

PCI4450 Datasheet(PDF) 23 Page - Texas Instruments

Part # PCI4450
Description  PC Card and OHCI Controller
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4450 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCI4450 Datasheet HTML 19Page - Texas Instruments PCI4450 Datasheet HTML 20Page - Texas Instruments PCI4450 Datasheet HTML 21Page - Texas Instruments PCI4450 Datasheet HTML 22Page - Texas Instruments PCI4450 Datasheet HTML 23Page - Texas Instruments PCI4450 Datasheet HTML 24Page - Texas Instruments PCI4450 Datasheet HTML 25Page - Texas Instruments PCI4450 Datasheet HTML 26Page - Texas Instruments PCI4450 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 197 page
background image
PCI4450 GFN/GJG
PC Card and OHCI Controller
SCPS046 – JANUARY 1999
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
terminal functions (continued)
Table 17. IEEE1394 PHY/Link Interface Terminals
TERMINAL
I/O
FUNCTION
NAME
GFN NO.
GJG NO.
I/O
TYPE
FUNCTION
PHY_CTL1
PHY_CTL0
W6
U7
V6
W6
I/O
Phy–link interface control. These bi-direction signals control passage of
information between the PHY and link. The link can only drive these terminals
after the PHY has granted permission following a link request (LREQ).
PHY_DATA7
PHY_DATA6
PHY_DATA5
PHY_DATA4
PHY_DATA3
PHY_DATA2
PHY_DATA1
PHY_DATA0
V9
U9
Y8
W8
V8
Y7
W7
V7
R8
T8
V8
W8
P8
W7
V7
R7
I/O
Phy–linkinterface data. These bi-directional signals pass data between the PHY
and link. These terminals are driven by the link on transmissions and are driven
by the PHY on receptions. Only DATA1–DATA0 are valid for 100 Mbit speed.
DATA4–DATA0 are valid for 200 Mbit speed and DATA7–DATA0 are valid for
400 Mbit speed.
PHY CLK
V6
T6
I
System clock. This input provides a 49.152 MHz clock signal for data
PHY_CLK
V6
T6
I
System clock. This in ut
rovides a 49.152 MHz clock signal for data
synchronization.
PHY_LREQ
Y5
R6
O
Link request. This signal is driven by the link to initiate a request for the PHY to
perform some service.
LINKON
Y6
P7
I
1394 link on. This input from the PHY indicates that the link should turn on.
LPS
W5
V5
O
Link power status. LPS indicates that link is powered and fully functional.
I/O characteristics
Figure 3 shows a 3-state bidirectional buffer illustration for reference. The table,
recommended operating
conditions provides the electrical characteristics of the inputs and outputs. The PCI4450 meets the ac
specifications of the PC Card 95 Standard and the PCI Bus 2.1 specifications.
Tied for Open Drain
OE
Pad
VCCP
Figure 3. 3-State Bidirectional Buffer
clamping voltages
The I/O sites can be pulled through a clamping diode to a voltage rail for protection. The 3.3-V core power supply
is independent of the clamping voltages. The clamping (protection) diodes are required if the signaling
environment on an I/O is system dependent. For example, PCI signaling can be either 3.3 Vdc or 5.0 Vdc, and
the PCI4450 must reliably accommodate both voltage levels. This is accomplished by using a 3.3-V buffer with
a clamping diode to VCCP. If a system design requires a 5.0-V PCI bus, then the VCCP would be connected to
the 5.0-V power supply.
A standard die has only one clamping voltage for the sites as shown in Figure 3. After the terminal assignments
are fixed, the fabrication facility will support a design by splitting the clamping voltage for customization. The
PCI4450 requires five separate clamping voltages since it supports a wide range of features. The five voltages
are listed and defined in the table,
recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com