Electronic Components Datasheet Search
  English  ▼

X  

PCI4450 Datasheet(PDF) 27 Page - Texas Instruments

Part # PCI4450
Description  PC Card and OHCI Controller
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4450 Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCI4450 Datasheet HTML 23Page - Texas Instruments PCI4450 Datasheet HTML 24Page - Texas Instruments PCI4450 Datasheet HTML 25Page - Texas Instruments PCI4450 Datasheet HTML 26Page - Texas Instruments PCI4450 Datasheet HTML 27Page - Texas Instruments PCI4450 Datasheet HTML 28Page - Texas Instruments PCI4450 Datasheet HTML 29Page - Texas Instruments PCI4450 Datasheet HTML 30Page - Texas Instruments PCI4450 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 197 page
background image
PCI4450 GFN/GJG
PC Card and OHCI Controller
SCPS046 – JANUARY 1999
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
serial ROM implementation
A serial ROM interface exists in both the Open HCI function and the PC Card controller functions. The PCI4450
implementation adds a busy indication between the interfaces to allow the function 2 loading to follow the
functions 0 and 1 load. All serial ROM addressing uses slave address 8’hA0. The functions 0 and 1 serial
EEPROM state machine is modified to provide a busy indication to function 2 and to start loading registers at
word address 8’h20 to allow for some serial ROM format flexibility in function 2.
Primarily, the serial ROM is used to preload the PCI4450 registers with data, and only write accessible bits in
these registers may be preloaded. Figure 8 illustrates the PCI4450 serial ROM data format, which is an
expanded version of both the OHCI-Lynx and PCI1450 serial ROM formats.
Slave Address 8’b10100000
Flag byte
Word address 32 (20h)
SubSys byte 3
Word address 33
MaxLat / MinGnt
Word address 0
SubSys byte 2
Word address 34
SubSys byte 0
Word address 1
SubSys byte 1
Word address 35
SubSys byte 1
Word address 2
SubSys byte 0
Word address 36
SubSys byte 2
Word address 3
SysCtrl byte 0
Word address 37
SubSys byte 3
Word address 4
SysCtrl byte 1
Word address 38
Link_Enh byte 0
Word address 5
SysCtrl byte 2
Word address 39
MiniROM_Addr
Word address 6
SysCtrl byte 3
Word address 40
GUIDHi byte 0
Word address 7
General control
Word address 41
GUIDHi byte 1
Word address 8
GP event enable
Word address 42
GUIDHi byte 2
Word address 9
GP output
Word address 43
GUIDHi byte 3
Word address 10
MF route byte 0
Word address 44
GUIDLo byte 0
Word address 11
MF route byte 1
Word address 45
GUIDLo byte 1
Word address 12
MF route byte 2
Word address 46
GUIDLo byte 2
Word address 13
MF route byte 3
Word address 47
GUIDLo byte 3
Word address 14
Card Control
Word address 48
CheckSum
Word address 15
Device control
Word address 49
Link_Enh byte 1
Word address 16
Diagnostic
Word address 50
PCI misc byte 0
Word address 17
PMC byte 1
Word address 51
PCI misc byte 1
Word address 18
ExCA ID and rev
Word address 52
RSVD
...
AVAIL
Figure 8. Serial ROM Data Format
The flag byte at word address 32 indicates to the PCI4450 whether or not the PC Card controller functions loads
the data from word address range 33–52. A flag byte set to 8’hFF indicates to stop loading the serial ROM data
for functions 0 and 1, but is independent of the function 2 1394 Open HCI controller load from word address
range 0–18.
An additional change in the serial ROM behavior with respect to Open HCI GUIDROM register access is the
MiniROM_Addr. The MiniROM_Addr field in the ROM data is loaded from byte location 6 (EEPROM word
address 6) and indicates to function 2 where to begin accessing the serial ROM via the GUID ROM register.
The GUIDROM.addrReset bit function changes slightly to reset serial ROM access to the byte location
indicated by MiniROM_Addr. A MiniROM_Addr value of zero provides identical operation as the OHCI-Lynx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com