Electronic Components Datasheet Search
  English  ▼

X  

SM320C6201GLE Datasheet(PDF) 39 Page - Texas Instruments

Part # SM320C6201GLE
Description  DIGITAL SIGNAL PROCESSORS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM320C6201GLE Datasheet(HTML) 39 Page - Texas Instruments

Back Button SM320C6201GLE Datasheet HTML 35Page - Texas Instruments SM320C6201GLE Datasheet HTML 36Page - Texas Instruments SM320C6201GLE Datasheet HTML 37Page - Texas Instruments SM320C6201GLE Datasheet HTML 38Page - Texas Instruments SM320C6201GLE Datasheet HTML 39Page - Texas Instruments SM320C6201GLE Datasheet HTML 40Page - Texas Instruments SM320C6201GLE Datasheet HTML 41Page - Texas Instruments SM320C6201GLE Datasheet HTML 42Page - Texas Instruments SM320C6201GLE Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
SM320C6201, SMJ320C6201B
DIGITAL SIGNAL PROCESSORS
SGUS028A – NOVEMBER 1998 – REVISED JANUARY 1999
39
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
SYNCHRONOUS-BURST MEMORY TIMING (CONTINUED)
timing requirements for synchronous-burst SRAM cycles (half-rate SSCLK)
(see Figure 17) (’C6201B)
NO
’C6201B-150
’C6201B-200
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
7
tsu(EDV-SSCLKH)
Setup time, read EDx valid before SSCLK high
4.2
2.5
ns
8
th(SSCLKH-EDV)
Hold time, read EDx valid after SSCLK high
1.5
1.5
ns
switching characteristics for synchronous-burst SRAM cycles† (half-rate SSCLK)
(see Figure 17 and Figure 18) (’C6201B)
NO
PARAMETER
’C6201B-150
’C6201B-200
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1
tsu(CEV-SSCLKH)
Setup time, CEx
valid before SSCLK high
1.5P – 5.5
1.5P – 3
ns
2
toh(SSCLKH-CEV)
Output hold time, CEx valid
after SSCLK high
0.5P – 2.4
0.5P – 1.5
ns
3
tsu(BEV-SSCLKH)
Setup time, BEx
valid before SSCLK high
1.5P – 5.5
1.5P – 3
ns
4
toh(SSCLKH-BEIV)
Output hold time, BEx invalid after SSCLK high
0.5P – 2.4
0.5P – 1.5
ns
5
tsu(EAV-SSCLKH)
Setup time, EAx
valid before SSCLK high
1.5P – 5.5
1.5P – 3
ns
6
toh(SSCLKH-EAIV)
Output hold time, EAx invalid after SSCLK high
0.5P – 2.4
0.5P – 1.5
ns
9
tsu(ADSV-SSCLKH)
Setup time, SSADS valid
before SSCLK high
1.5P – 5.5
1.5P – 3
ns
10
toh(SSCLKH-ADSV)
Output hold time, SSADS valid after SSCLK high
0.5P – 2.4
0.5P – 1.5
ns
11
tsu(OEV-SSCLKH)
Setup time, SSOE valid before SSCLK high
1.5P – 5.5
1.5P – 3
ns
12
toh(SSCLKH-OEV)
Output hold time, SSOE valid after SSCLK high
0.5P – 2.4
0.5P – 1.5
ns
13
tsu(EDV-SSCLKH)
Setup time, EDx valid before SSCLK high
1.5P – 5.5
1.5P – 3
ns
14
toh(SSCLKH-EDIV)
Output hold time, EDx invalid after SSCLK high
0.5P – 2.4
0.5P – 1.5
ns
15
tsu(WEV-SSCLKH)
Setup time, SSWE valid before SSCLK high
1.5P – 5.5
1.5P – 3
ns
16
toh(SSCLKH-WEV)
Output hold time, SSWE valid after SSCLK high
0.5P – 2.4
0.5P – 1.5
ns
† The effects of internal clock jitter are included at test. There is no need to adjust timing numbers for internal clock jitter or SSCLK duty cycle.
P = 1/CPU clock frequency in ns. For example, when running parts at 150 MHz, use P = 6.67 ns.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com