Electronic Components Datasheet Search
  English  ▼

X  

SM320C6201GLE Datasheet(PDF) 67 Page - Texas Instruments

Part # SM320C6201GLE
Description  DIGITAL SIGNAL PROCESSORS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM320C6201GLE Datasheet(HTML) 67 Page - Texas Instruments

Back Button SM320C6201GLE Datasheet HTML 63Page - Texas Instruments SM320C6201GLE Datasheet HTML 64Page - Texas Instruments SM320C6201GLE Datasheet HTML 65Page - Texas Instruments SM320C6201GLE Datasheet HTML 66Page - Texas Instruments SM320C6201GLE Datasheet HTML 67Page - Texas Instruments SM320C6201GLE Datasheet HTML 68Page - Texas Instruments SM320C6201GLE Datasheet HTML 69Page - Texas Instruments SM320C6201GLE Datasheet HTML 70Page - Texas Instruments SM320C6201GLE Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 73 page
background image
SM320C6201, SMJ320C6201B
DIGITAL SIGNAL PROCESSORS
SGUS028A – NOVEMBER 1998 – REVISED JANUARY 1999
67
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
MULTICHANNEL BUFFERED SERIAL PORT TIMING (CONTINUED)
timing requirements for McBSP as SPI master or slave: CLKSTP = 11b, CLKXP = 1†‡ (see Figure 37)
(’C6201B)
NO
’C6201B-150
’C6201B-200
UNIT
NO.
MASTER
SLAVE
UNIT
MIN
MAX
MIN
MAX
4
tsu(DRV-CKXL)
Setup time, DR valid before CLKX low
12
3P – 2
ns
5
th(CKXL-DRV)
Hold time, DR valid after CLKX low
4
5 + 6P
ns
† The effects of internal clock jitter are included at test. There is no need to adjust timing numbers for internal clock jitter. P = 1/CPU clock frequency
in ns. For example, when running parts at 150 MHz, use P = 6.67 ns.
‡ For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting CLKSM = CLKGDV = 1.
switching characteristics for McBSP as SPI master or slave: CLKSTP = 11b, CLKXP = 1†‡
(see Figure 37) (’C6201B)
NO
PARAMETER
’C6201B-150
’C6201B-200
UNIT
NO.
PARAMETER
MASTER§
SLAVE
UNIT
MIN
MAX
MIN
MAX
1
th(CKXH-FXL)
Hold time, FSX low after CLKX high¶
H – 2
H + 3
ns
2
td(FXL-CKXL)
Delay time, FSX low to CLKX low#
T – 2
T + 1
ns
3
td(CKXH-DXV)
Delay time, CLKX high to DX valid
–2
4
3P + 4
5P + 17
ns
6
tdis(CKXH-DXHZ)
Disable time, DX high impedance following last data bit from
CLKX high
–2
4
3P + 3
5P + 17
ns
7
td(FXL-DXV)
Delay time, FSX low to DX valid
L – 2
L + 4
2P + 2
4P + 17
ns
† The effects of internal clock jitter are included at test. There is no need to adjust timing numbers for internal clock jitter. P = 1/CPU clock frequency
in ns. For example, when running parts at 150 MHz, use P = 6.67 ns.
‡ For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting CLKSM = CLKGDV = 1.
§ T = CLKX period = (1 + CLKGDV) * P; if CLKSM = 1, then P = 1/CPU clock frequency
=
CLKX period = (1 + CLKGDV) * P_clks; if CLKSM = 0, then P_clks = CLKS period.
H =
CLKX high pulse width = (CLKGDV/2 + 1) * T
L =
CLKX low pulse width = (CLKGDV/2) * T
¶ FSRP = FSXP = 1. As a SPI master, FSX is inverted to provide active-low slave-enable output. As a slave, the active-low signal input on FSX
and FSR is inverted before being used internally.
CLKXM = FSXM = 1, CLKRM = FSRM = 0 for master McBSP
CLKXM = CLKRM = FSXM = FSRM = 0 for slave McBSP
# FSX should be low before the rising edge of clock to enable slave devices and then begin a SPI transfer at the rising edge of the master clock
(CLKX).
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com